| Electronic Components Datasheet Search |
|
82374EB Datasheet(PDF) 178 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82374EB Datasheet(HTML) 178 Page - Intel Corporation |
|
178 / 208 page ![]() 82374EB82374SB 112 System Buffer Coherency ControlAPIC During an interrupt sequence the system buffers must be flushed before the ESC’s IO APIC can send an interrupt message to the local APIC (CPU’s APIC) The ESC and PCEB maintain buffer coherency when the ESC receives an interrupt request for its IO APIC using the AFLUSH signal 113 Power Management In response to the ESC’s STPCLK assertion the CPU sends out a stop grant bus cycle to indicate that it has entered the stop grant state The PCEB informs the ESC of the stop grant cycle using the STPGNT signal 114 EISA Data Swap Buffer Control Signals The cycles in the EISA environment may require data size translations before the data can be transferred to its intermediate or final destination As an example a 32-bit EISA master write cycle to a 16-bit EISA slave requires a disassembly of a 32-bit Dword into 16 bit Words Similarly a 32-bit EISA master read cycle to a 16-bit slave requires an assembly of two 16-bit Words into a 32-bit Dword The PCEB contains EISA data swap buffers to support data size translations on the EISA Bus The operation of the data swap logic is described in the PCEB data sheet The ESC controls the operation of the PCEB’s data swap logic with the following PCEB ESC interface signals These signals are outputs from the ESC and inputs to the PCEB SDCPYEN 130301 SDCPYUP SDOE 20 SDLE 30 Copy Enable Outputs (SDCPYEN 1331 ) These signals enable the byte copy operations between data byte lanes 0 1 2 and 3 as shown in the Table 35 ISA master cycles do not perform assemblydisassembly operations Thus these cycles use SDCPYEN 130301 to perform the byte routing and byte copying between lanes EISA master cycles however can have assemblydisassembly operations These cycles use SDCPYEN 130301 in conjunc- tion with SDCPYUP and SDLE 30 178 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |