Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 174 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 174 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 170Page - Intel Corporation 82374EB Datasheet HTML 171Page - Intel Corporation 82374EB Datasheet HTML 172Page - Intel Corporation 82374EB Datasheet HTML 173Page - Intel Corporation 82374EB Datasheet HTML 174Page - Intel Corporation 82374EB Datasheet HTML 175Page - Intel Corporation 82374EB Datasheet HTML 176Page - Intel Corporation 82374EB Datasheet HTML 177Page - Intel Corporation 82374EB Datasheet HTML 178Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 174 / 208 page
background image
82374EB82374SB
Table 33 Lowest Priority without Focus Processor Message
(Continued)
Cycle
Bit 1
Bit 0
21
P7
0
Inverted Processor Priority P7 – P0
22
P6
0
23
P5
0
24
P4
0
25
P3
0
26
P2
0
27
P1
0
28
P0
0
29
ArbID3
0
Arbitration ID 3 -0
30
ArbID2
0
31
ArbID1
0
32
ArbID0
0
33
S
S
Status (10 means status OK all other values indicate an error)
34
0
0
Idle
Remote Read Message
The Remote Read Message (Table 34) is used for a local APIC to read the register in another local APIC The
message format is the same as the Short Message for the first 20 cycles
Cycles 21 through 36 contain the Remote Register data The status information in cycle 37 specifies if the data
is good or not The Remote Read Message is always successful in that it is never retried (although the data
may be valid or invalid) The reason is that the Remote Read Message is a debug feature and a ‘‘hung’’
remote APIC that is unable to respond should not cause the debugger to hang up
Table 34 Remote Read Message
Cycle
Bit 1
Bit 0
10
1
0 1 e normal 1 1 e EOI
2
ArbID3
0
Arbitration ID bits 3 through 0
3
ArbID2
0
4
ArbID1
0
5
ArbID0
0
6DM
M2
DM e Destination mode
7
M1
M0
M2–M0 e Delivery mode
8
L
TM
L e Level TM e Trigger Mode
174



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com