Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 170 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 170 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 166Page - Intel Corporation 82374EB Datasheet HTML 167Page - Intel Corporation 82374EB Datasheet HTML 168Page - Intel Corporation 82374EB Datasheet HTML 169Page - Intel Corporation 82374EB Datasheet HTML 170Page - Intel Corporation 82374EB Datasheet HTML 171Page - Intel Corporation 82374EB Datasheet HTML 172Page - Intel Corporation 82374EB Datasheet HTML 173Page - Intel Corporation 82374EB Datasheet HTML 174Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 208 page
background image
82374EB82374SB
Table 30 EOI Message
(Continued)
Cycle
Bit 1
Bit 0
Comments
10
C
C
Check Sum
11
0
0
Postamble
12
A
A
Status Cycle0
13
A1
A1
Status Cycle1
14
0
0
Idle
Short Message
Short Messages are used for the delivery of Fixed NMI SMI (82374SB only) Reset ExtINT and Lowest
Priority with Focus processor interrupts The delivery mode bits (M 20 ) specify the message All short mes-
sages take 21 cycles including the idle cycle
Cycle 1 is the start cycle (Table 31) Cycles 2 through 5 are for bus arbitration as described earlier APIC ID bits
are sent on the bus one bit at a time (Only one data bus bit is used) The other bit should be zero Cycles 6 and
7 provide destination mode and delivery mode bits Cycle 8 provides level and trigger mode information
Cycles 10 through 13 are the 8-bit interrupt vector The vector is only defined for delivery modes fixed and
lowest-priority For delivery mode of ‘‘Remote Read’’ the vector field contains the address of the register to be
read remotely
If Destination Mode (DM) is 0 (physical mode) then cycles 15 and 16 are the APIC ID and cycles 13 and 14 are
zero If DM is 1 (logical mode) then cycles 13 through 16 are the 8-bit destination field The interpretation of
the logical mode 8-bit destination field is performed by the local units using the Destination Format Register
Shorthands of ‘‘all-incl-self’’ and ‘‘all-excl-self’’ both use physical destination mode and a destination field
containing APIC ID value of all ones The sending APIC knows whether it should (incl) or should not (excl)
respond to its own message
Cycle 17 is a checksum for the data in cycles 6 through 16 The (single) APIC driving the message provides
this checksum in cycle 17
Cycle 18 is a postamble cycle driven as 00 by all APICs to perform various internal computations based on the
information contained in the received message One of the computations takes the computed checksum of the
data received in cycles 6 through 16 and compares it against the value in cycle 17 If any APIC computes a
different checksum than the one passed in cycle 17 then that APIC signals an error on the APIC bus in cycle
19 by driving it as 11 If this happens all APICs assume the message was never sent and the sender must try
sending the message again which includes re-arbitrating for the APIC bus In lowest priority delivery when the
interrupt has a focus processor the focus processor signals this by driving 10 during cycle 19 This tells all the
other APICs that the interrupt has been accepted the LP arbitration is preempted and short message format
is used Cycle 19 and 20 indicates the status of the message (ie accepted check sum error retry or error)
Table 32 shows the status signals combinations and their meanings for all delivery modes
The checksum is calculated iteratively on each cycle by adding the following terms
1 The two least significant bits from the last cycle’s checksum
2 The current two data bits
3 The carry bit from the last cycle’s checksum shifted to the least significant bit
Note that at the beginning of the calculation the three bits composing the previous cycle’s checksum (two
lower bits and carry) are zero
170



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com