Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 169 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 169 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 165Page - Intel Corporation 82374EB Datasheet HTML 166Page - Intel Corporation 82374EB Datasheet HTML 167Page - Intel Corporation 82374EB Datasheet HTML 168Page - Intel Corporation 82374EB Datasheet HTML 169Page - Intel Corporation 82374EB Datasheet HTML 170Page - Intel Corporation 82374EB Datasheet HTML 171Page - Intel Corporation 82374EB Datasheet HTML 172Page - Intel Corporation 82374EB Datasheet HTML 173Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 208 page
background image
82374EB82374SB
A bus arbitration cycle starts by the agent driving a start cycle (bit 1eEOI bit 0e1) on the APIC bus (Table
29) Bit 1e1 indicates ‘‘EOI’’ priority and bit 1e0 indicates normal priority Bit 0 should be 1
In cycles 2 through 5 the agent drives the arbitration ID on bit 1 of the bus High-order ID bits are driven first
with successive cycles proceeding to the low bits of the ID All arbitration losers in a given cycle drop off the
bus using every subsequent cycle as a tie breaker for the previous cycle When all arbitration cycles are
completed there will be only one agent left driving the bus
Table 29 Bus Arbitration Cycles
Cycle
Bit 1
Bit 0
Comments
1
EOI
1
0 1 e normal 1 1 e EOI
2
ArbID3
0
Arbitration ID bits 3 through 0
3
ArbID2
0
4
ArbID1
0
5
ArbID0
0
103 Bus Message Formats
After bus arbitration the winner is granted exclusive use of the bus and drives its message on the bus APIC
messages come in four formats14 cycle EOI Message 21 cycles Short Message 33 cycles Lowest Priority
Message and 39 cycles Remote Read Message All APICs on the APIC bus know the length of an interrupt
message by checking the appropriate fields in the message
EOI Message For Level Triggered Interrupts
The EOI Message is used to send an EOI cycle occurring for a level triggered interrupt from local APIC to the
IO APIC This cycle contains the priority vector (V 70 ) of the interrupt When this message is received the
IO APIC resets the Remote IRR bit for that interrupt If the interrupt signal is still active after the RIRR bit is
reset the IO APIC will treat it as a new interrupt
Table 30 EOI Message
Cycle
Bit 1
Bit 0
Comments
1
EOI
1
0 1 e normal 1 1 e EOI
2
ArbID3
0
Arbitration ID bits 3 through 0
3
ArbID2
0
4
ArbID1
0
5
ArbID0
0
6
V7
V6
Interrupt vector V7 – V0
7V5
V4
8V3
V2
9V1
V0
169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com