Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 168 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 168 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 164Page - Intel Corporation 82374EB Datasheet HTML 165Page - Intel Corporation 82374EB Datasheet HTML 166Page - Intel Corporation 82374EB Datasheet HTML 167Page - Intel Corporation 82374EB Datasheet HTML 168Page - Intel Corporation 82374EB Datasheet HTML 169Page - Intel Corporation 82374EB Datasheet HTML 170Page - Intel Corporation 82374EB Datasheet HTML 171Page - Intel Corporation 82374EB Datasheet HTML 172Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 168 / 208 page
background image
82374EB82374SB
290476 – D8
Figure 25 IO APIC Interrupt Mapping
101 Physical Characteristics Of APIC Bus
The APIC bus is a 3-wire synchronous bus connecting all APICs (all IO units and all local units) Two of these
wires are used for data transmission and one wire is a clock For bus arbitration the APIC uses only one of the
data wires The bus is logically a wire-OR and electrically an open-drain connection providing for both mes-
sage transmission and arbitration for lowest priority All the values mentioned in the protocol description are
logical values (ie ‘‘Bus Driven’’ is logical 1 and ‘‘Bus Not Driven’’ is logical 0) The electrical values are 0 for
logical one and 1 for logical zero
102 Arbitration For APIC Bus
The APIC uses one wire arbitration to win the bus ownership A rotating priority scheme is used for arbitration
The winner of the arbitration becomes the lowest priority agent and assumes an arbitration ID of 0 All other
agents except the agent whose arbitration ID is 15 increment their arbitration IDs by one The agent whose ID
was 15 takes the winner’s arbitration ID and increments it by one Arbitration IDs are changed (incremented or
assumed) only for messages that are transmitted successfully For lowest priority messages the arbitration ID
is updated before the final status cycle which ultimately decides if the message is successful A message is
transmitted successfully if no CS error or acceptance error is reported for that message
An APIC agent can acquire the bus using two different priority schemes normal or EOI (End Of Interrupt) EOI
has the highest priority EOI priority is used to send EOI messages for level interrupts from local APIC to the
IO APIC When an agent requests the bus with EOI priority all others requesting the bus with normal priorities
back off
168



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com