| Electronic Components Datasheet Search |
|
82374EB Datasheet(PDF) 166 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
82374EB Datasheet(HTML) 166 Page - Intel Corporation |
|
166 / 208 page ![]() 82374EB82374SB 100 ADVANCED PROGRAMMABLE INTERRUPT CONTROLLER (APIC) In addition to the standard EISA compatible interrupt controller described in the previous section the ESC incorporates the Advanced Programmable Interrupt Controller (APIC) While the standard interrupt controller is intended for use in a uni-processor system APIC can be used in either a uni-processor or multi-processor system APIC provides multi-processor interrupt management and incorporates both static and dynamic sym- metric interrupt distribution across all processors In systems with multiple IO subsystems each subsystem can have its own set of interrupts In a uni-processor system APIC’s dedicated interrupt bus can reduce interrupt latency over the standard interrupt controller (ie the latency associated with the propagation of the interrupt acknowledge cycle across multiple busses using the standard interrupt controller approach) Interrupts can be controlled by the standard EISA compatible interrupt controller unit the IO APIC unit or mixed mode where both the standard and IO APIC are used The selection of which controller responds to an interrupt is determined by how the interrupt controllers are programmed Note that it is the programmer’s responsibility to make sure that the same interrupt input signal is not handled by both interrupt controllers At the system level APIC consists of two parts (Figure 23)one residing in the IO subsystem (called the IO APIC) and the other in the CPU (called the Local APIC) The ESC contains an IO APIC unit The local APIC and the IO APIC communicate over a dedicated APIC bus The ESC’s IO APIC bus interface consists of two bi-directional data signals (APICD 10 ) and a clock input (APICCLK) The CPU’s Local APIC Unit contains the necessary intelligence to determine whether or not its processor should accept interrupts broadcast on the APIC bus The Local Unit also provides local pending of interrupts nesting and masking of interrupts and handles all interactions with its local processor (eg the INTRINTA EOI protocol) The Local Unit further provides inter-processor interrupts and a timer to its local processor The register level interface of a processor to its local APIC is identical for every processor 290476 – D6 Figure 23 APIC System Structure 166 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |