Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 162 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 162 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 158Page - Intel Corporation 82374EB Datasheet HTML 159Page - Intel Corporation 82374EB Datasheet HTML 160Page - Intel Corporation 82374EB Datasheet HTML 161Page - Intel Corporation 82374EB Datasheet HTML 162Page - Intel Corporation 82374EB Datasheet HTML 163Page - Intel Corporation 82374EB Datasheet HTML 164Page - Intel Corporation 82374EB Datasheet HTML 165Page - Intel Corporation 82374EB Datasheet HTML 166Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 162 / 208 page
background image
82374EB82374SB
In a cascade configuration the slave interrupt outputs are connected to the master interrupt request inputs
When a slave request line is activated and afterwards acknowledged the master will enable the corresponding
slave to release the interrupt vector address during the second INTA
cycle of the interrupt acknowledge
sequence
Each Interrupt Controller in the cascaded system must follow a separate initialization sequence and can be
programmed to work in a different mode An EOI command must be issued twice once for the master and
once for the slave
967 EDGE AND LEVEL TRIGGERED MODES
There are two ELCR registers one for each 82C59 bank They are located at IO ports 04D0h (for the Master
Bank IRQ 0137 ) and 04D1h (for the Slave Bank IRQ 8
15 ) They allow the edge and level sense
selection to be made on an interrupt by interrupt basis instead of on a complete bank Only the interrupts that
connect to the EISA bus may be programmed for level sensitivity That is IRQ (0128
13) must be pro-
grammed for edge sensitive operation The LTIM bit is disabled in the ESC The default programming is
equivalent to programming the LTIM bit (ICW1 bit 3) to a 0
If an ELCR bit is equal to ‘‘0’’ an interrupt request will be recognized by a low to high transition on the
corresponding IRQ input The IRQ input can remain high without generating another interrupt
If an ELCR bit is equal to ‘‘1’’ an interrupt request will be recognized by a ‘‘low’’ level on the corresponding
IRQ input and there is no need for an edge detection For level triggered interrupt mode the interrupt request
signal must be removed before the EOI command is issued or the CPU interrupt must be disabled This is
necessary to prevent a second interrupt from occurring
In both the edge and level triggered modes the IRQ inputs must remain active until after the falling edge of the
first INTA
If the IRQ input goes inactive before this time a DEFAULT IRQ7 will occur when the CPU
acknowledges the interrupt This can be a useful safeguard for detecting interrupts caused by spurious noise
glitches on the IRQ inputs To implement this feature the IRQ7 routine is used for ‘‘clean up’’ simply executing
a return instruction thus ignoring the interrupt If IRQ7 is needed for other purposes a default IRQ7 can still be
detected by reading the ISR A normal IRQ7 interrupt will set the corresponding ISR bit a default IRQ7 won’t
If a default IRQ7 routine occurs during a normal IRQ7 routine however the ISR will remain set In this case it is
necessary to keep track of whether or not the IRQ7 routine was previously entered If another IRQ7 occurs it is
a default
IRQ13 still appears externally to be an edge sensitive interrupt even though it is shared internally with the
Chaining interrupt The Chaining interrupt is ORed after the edge sense logic
97 Register Functionality
For a detailed description of the Interrupt Controller register set please see Section 34 Interrupt Controller
Register
971 INITIALIZATION COMMAND WORDS
Four initialization command words (ICWs) are used to initialize each interrupt controller Each controller is
initialized separately Following this initialization sequence the interrupt controller is ready to accept interrupts
162



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com