Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 165 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 165 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 161Page - Intel Corporation 82374EB Datasheet HTML 162Page - Intel Corporation 82374EB Datasheet HTML 163Page - Intel Corporation 82374EB Datasheet HTML 164Page - Intel Corporation 82374EB Datasheet HTML 165Page - Intel Corporation 82374EB Datasheet HTML 166Page - Intel Corporation 82374EB Datasheet HTML 167Page - Intel Corporation 82374EB Datasheet HTML 168Page - Intel Corporation 82374EB Datasheet HTML 169Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 208 page
background image
82374EB82374SB
Software Events
1 Software Generated NMI If an IO Write access to Port 0462h occurs The data value for this write is
a don’t care
The NMI logic incorporates four different 8-bit registers These registers are used by the CPU to determine the
source of the interrupt and to enable or disableclear the interrupts See Section 34 Interrupt Controller
Registers for the register details
Table 27 NMI Register IO Address Map
IO Port Address
Register Description
0061h
NMI Status Register
0070h
NMI Enable Register
0461h
Extended NMI Register
0462h
Software NMI Register
Table 28 NMI Source EnableDisable And Status Port Bits
NMI Source
IO Port Bit for Status Reads
IO Port Bit for EnableDisable
PERR
Port 0061h Bit 7
Port 0061h Bit 2
IOCHK
Port 0061h Bit 6
Port 0061h Bit 3
Fail-Safe
Port 0461h Bit 7
Port 0461h Bit 2
Bus Timeout
Port 0461h Bit 6
Port 0461h Bit 3
Write to Port 0462h
Port 0461h Bit 5
Port 0461h Bit 1
The individual enabledisable bits clear the NMI detect flip-flops when disabled
All NMI sources can be enabled or disabled by setting Port 070h bit 7
This disable function does not clear
the NMI detect Flip-Flops This means if NMI is disabled then enabled via Port 070h then an NMI will occur
when Port 070h is re-enabled if one of the NMI detect Flip-Flops had been previously set
To ensure that all NMI requests are serviced the NMI service routine software needs to incorporate a few very
specific requirements These requirements are due to the edge detect circuitry of the host microprocessor
80386 or 80486 The software flow would need to be the following
1 NMI is detected by the processor on the rising edge of the NMI input
2 The processor will read the status stored in port 061h and 0461h to determine what sources caused the
NMI The processor may then reset the register bits controlling the sources that it has determined to be
active Between the time the processor reads the NMI sources and resets them an NMI may have been
generated by another source The level of NMI will then remain active This new NMI source will not be
recognized by the processor because there was no edge on NMI
3 The processor must then disable all NMI’s by writing bit 7 of port 070H high and then enable all NMI’s by
writing bit 7 of port 070H low This will cause the NMI output to transition low then high if there are any
pending NMI sources The CPU’s NMI input logic will then register a new NMI
165



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com