Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 173 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 173 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 169Page - Intel Corporation 82374EB Datasheet HTML 170Page - Intel Corporation 82374EB Datasheet HTML 171Page - Intel Corporation 82374EB Datasheet HTML 172Page - Intel Corporation 82374EB Datasheet HTML 173Page - Intel Corporation 82374EB Datasheet HTML 174Page - Intel Corporation 82374EB Datasheet HTML 175Page - Intel Corporation 82374EB Datasheet HTML 176Page - Intel Corporation 82374EB Datasheet HTML 177Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 173 / 208 page
background image
82374EB82374SB
Lowest Priority (LP) without Focus Processor (FP) Message
This message format is used to deliver an interrupt in the lowest priority mode in which it does not have a
Focus Processor Cycles 1 through 20 for this message are the same as for the Short Message discussed
above Status cycle 19 identifies if there is not a Focus processor (00) and a status value of 11 in cycle 20
indicates the need for lowest priority arbitration
Cycle 21 through 28 are used to arbitrate for the lowest priority processor The processors that take part in the
arbitration drive their processor priority on the bus Only the local APICs that have ‘‘free interrupt slots’’
participate in the lowest priority arbitration
Cycle 29 through 32 are used to break a tie in case two or more processors have lowest priority The bus
arbitration IDs are used to break the tie
Cycle 33 is an additional status cycle driven by the accepting local APIC By receiving 10 during this cycle the
sending IO APIC knows that there was a local APIC left after LP arbitration Otherwise the message is
retried Cycle 34 is an idle cycle
Table 33 Lowest Priority without Focus Processor Message
Cycle
Bit 1
Bit 0
10
1
0 1 e normal 1 1 e EOI
2
ArbID3
0
Arbitration ID bits 3 through 0
3
ArbID2
0
4
ArbID1
0
5
ArbID0
0
6DM
M2
DM e Destination mode
7
M1
M0
M2–M0 e Delivery mode
8
L
TM
L e Level TM e Trigger Mode
9
V7
V6
V7–V0 e Interrupt Vector
10
V5
V4
11
V3
V2
12
V1
V0
13
D7
D6
Destination
14
D5
D4
15
D3
D2
16
D1
D0
17
C
C
Checksum for cycles 6-16
18
0
0
Postamble
19
A
A
Status cycle 0
20
A1
A1
Status cycle 1
173



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com