Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 176 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 176 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 172Page - Intel Corporation 82374EB Datasheet HTML 173Page - Intel Corporation 82374EB Datasheet HTML 174Page - Intel Corporation 82374EB Datasheet HTML 175Page - Intel Corporation 82374EB Datasheet HTML 176Page - Intel Corporation 82374EB Datasheet HTML 177Page - Intel Corporation 82374EB Datasheet HTML 178Page - Intel Corporation 82374EB Datasheet HTML 179Page - Intel Corporation 82374EB Datasheet HTML 180Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 176 / 208 page
background image
82374EB82374SB
110 PCEBESC INTERFACE
The PCEBESC interface (Figure 26) provides the inter-chip communications between the PCEB and ESC
The interface provides control information between the two components for PCIEISA arbitration data size
translations (controlling the PCEB’s EISA data swap logic) and interrupt acknowledge cycles
290476 – 86
NOTE
STPGNT
is only on the 82374SB (and companion 82375SB)
Figure 26 PCEBESC Interface Signals
111 Arbitration Control Signals
The PCEB contains the arbitration circuitry for the PCI Bus and the ESC contains the arbitration circuitry for the
EISA Bus The PCEBESC Interface contains a set of arbitration control signals (EISAHOLD EISAHOLDA
NMFLUSH
and PEREQ
INTA ) that synchronize bus arbitration and ownership changes between the
two bus environments The signals also force PCI device data buffer flushing if needed to maintain data
coherency during EISA Bus ownership changes
The PCEB is the default owner of the EISA Bus If another EISAISA master or DMA wants to use the bus the
ESC asserts EISAHOLD to instruct the PCEB to relinquish EISA Bus ownership The PCEB completes any
current EISA Bus transaction tri-states its EISA Bus signals and asserts EISAHOLDA to inform the ESC that
the PCEB is off the bus
For ownership changes other than for a refresh cycle the ESC asserts the NMFLUSH
signal to the PCEB
(for one PCICLK) to instruct the PCEB to flush its Line Buffers pointing to the PCI Bus The assertion of
NMFLUSH
also instructs the PCEB to initiate flushing and to temporarily disable system buffers on the PCI
Bus (via MEMREQ
MEMACK and FLSHREQ ) The buffer flushing maintains data coherency in the event
that the new EISA Bus master wants to access the PCI Bus Buffer flushing also prevents dead-lock conditions
between the PCI Bus and EISA Bus Since the ESCPCEB does not know ahead of time whether the new
master is going to access the PCI Bus or a device on the EISA Bus buffers pointing to the PCI Bus are always
flushed when there is a change of EISA Bus ownership except for refresh cycles For refresh cycles the ESC
176



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com