Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 181 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 181 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 177Page - Intel Corporation 82374EB Datasheet HTML 178Page - Intel Corporation 82374EB Datasheet HTML 179Page - Intel Corporation 82374EB Datasheet HTML 180Page - Intel Corporation 82374EB Datasheet HTML 181Page - Intel Corporation 82374EB Datasheet HTML 182Page - Intel Corporation 82374EB Datasheet HTML 183Page - Intel Corporation 82374EB Datasheet HTML 184Page - Intel Corporation 82374EB Datasheet HTML 185Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 208 page
background image
82374EB82374SB
290476 – 88
Figure 28 EISA Address Buffers
Table 37 EISA Address Buffer Control Function
Signal
Cycle
Type
EISA Master
ISA Master
DMA
Refresh
SALE
Pulses
Low
Pulses
Pulses
LASAOE
Low
High
Low
Low
SALAOE
High
Low
High
High
122 Coprocessor Interface
The numeric coprocessor interface is designed to support PCAT compatible numeric coprocessor exception
handling The EISA Clock Divider configuration register bit 5 needs to be set toa1in order to enable the
coprocessor error support in the ESC The coprocessor interface consists of FERR
signal and IGNNE
signal The FERR
signal and IGNNE
signals are connected directly to the Floating Point Error pin and
Ignore Floating Point Error pin of the CPU respectively
Whenever an error during computation is detected the CPU asserts the FERR
signal to the ESC The ESC
internally generates an interrupt on the IRQ13 line of the integrated Interrupt Controller The result is a
asserted INTR signal to the CPU
181



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com