Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 187 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 187 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 183Page - Intel Corporation 82374EB Datasheet HTML 184Page - Intel Corporation 82374EB Datasheet HTML 185Page - Intel Corporation 82374EB Datasheet HTML 186Page - Intel Corporation 82374EB Datasheet HTML 187Page - Intel Corporation 82374EB Datasheet HTML 188Page - Intel Corporation 82374EB Datasheet HTML 189Page - Intel Corporation 82374EB Datasheet HTML 190Page - Intel Corporation 82374EB Datasheet HTML 191Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 187 / 208 page
background image
82374EB82374SB
130 POWER MANAGEMENT (82374SB)
The ESC has extensive power management capability permitting a system to operate in a low power state
without being powered down In a typical desktop personal computer there are two statesPower On and
Power-Off Leaving a system powered on when not in use wastes power The ESC provides a Fast OnOff
feature that creates a third state called Fast Off (Figure 33) When in the Fast Off state the system consumes
less power than the Power-On state
The ESC’s power management architecture is based on three functionsSystem Management Mode (SMM)
Clock Control and Advanced Power Management (APM) Software (called SMM code) controls the transitions
between the Power On state and the Fast Off state The ESC invokes this software by generating an SMI to
the CPU (asserting the SMI
signal) A variety of programmable events are provided that can generate an
SMI The SMM code places the system in either the Power On state or the Fast Off state
A Fast On event is an event that instructs the computer (via an SMI to the CPU) to enter the Power-On state in
anticipation of system activity by the user Fast On events are programmable and include moving the mouse
pressing a key on the keyboard an external hardware event an incoming call to a system FAXModem a RTC
alarm or the operating system
290476 – E0
Figure 33 Fast OnOff Flow
187



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com