Electronic Components Datasheet Search
  English  ▼

X  

82374EB Datasheet(PDF) 191 Page - Intel Corporation

Part # 82374EB
Description  SYSTEM COMPONENT (ESC)
PDF  208 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

82374EB Datasheet(HTML) 191 Page - Intel Corporation

Back Button 82374EB Datasheet HTML 187Page - Intel Corporation 82374EB Datasheet HTML 188Page - Intel Corporation 82374EB Datasheet HTML 189Page - Intel Corporation 82374EB Datasheet HTML 190Page - Intel Corporation 82374EB Datasheet HTML 191Page - Intel Corporation 82374EB Datasheet HTML 192Page - Intel Corporation 82374EB Datasheet HTML 193Page - Intel Corporation 82374EB Datasheet HTML 194Page - Intel Corporation 82374EB Datasheet HTML 195Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 191 / 208 page
background image
82374EB82374SB
134 Stop Grant Special Cycle
The Host-Bridge (eg PCMC) translates the CPU’s stop grant cycle into a PCI special cycle The PCEB
recognizes the stop grant PCI special cycle and asserts STPGNT
low to ESC for one PCICLK The ESC does
not start the STPCLK low timer until STPGNT
is asserted
During Halt or Autohalt state the P54C does not respond to STPCLK
assertion with a stop grant cycle
However during this state an INTR SMI
or NMI
assertion causes the CPU to exit the halted state and
eventually recognize the STPCLK
assertion with a stop grant cycle The system design must guarantee that
INTR SMI
and NMI
assertion is not blocked outside of the chipset while STPCLK
is asserted Otherwise
a potential deadlock situation will exist
135 Dual-Processor Power Management Support
Figure 35 depicts the power management support for dual-processor (DP) or P54CT upgrade processor
configuration The input signals of SMI
STPCLK
and NMI of both OEM and upgrade sockets are tied
together
290476 – E2
Figure 35 Dual Processor System Configuration
1351 SMI
DELIVERY MECHANISM
For Uni or CT upgrade processor system configuration SMI
can either be delivered through the ESC SMI
signal or IO APIC For the P54CCM Dual-processor configuration SMI
should be delivered through IO
APIC only Ideally the OS will put the CM processor in Autohalt after the CM processor received a Fast-Off
SMI
The CM processor will wake up if any non-masked system events occur
191



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com