Electronic Components Datasheet Search
  English  ▼

X  

M28F008 Datasheet(PDF) 1 Page - Intel Corporation

Part # M28F008
Description  8 MBIT (1 MBIT x 8) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M28F008 Datasheet(HTML) 1 Page - Intel Corporation

  M28F008 Datasheet HTML 1Page - Intel Corporation M28F008 Datasheet HTML 2Page - Intel Corporation M28F008 Datasheet HTML 3Page - Intel Corporation M28F008 Datasheet HTML 4Page - Intel Corporation M28F008 Datasheet HTML 5Page - Intel Corporation M28F008 Datasheet HTML 6Page - Intel Corporation M28F008 Datasheet HTML 7Page - Intel Corporation M28F008 Datasheet HTML 8Page - Intel Corporation M28F008 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
November 1994
COPYRIGHT
INTEL CORPORATION 1995
Order Number 271232-004
M28F008
8 MBIT (1 MBIT x 8) FLASH MEMORY
Y
High-Density Symmetrically Blocked
Architecture
Sixteen 64 Kbyte Blocks
Y
Extended Cycling Capability
10K Block Erase Cycles Minimum
160K Block Erase Cycles per Chip
Y
Automated Byte Write and Block Erase
Command User Interface
Status Register
Y
System Performance Enhancements
RYBY Status Output
Erase Suspend Capability
Y
SRAM-Compatible Write Interface
Y
Very High-Performance Read
100 ns Maximum Access Time
Y
Hardware Data Protection Feature
EraseWrite Lockout during Power
Transitions
Y
Industry Standard Packaging
40-Lead Sidebrazed DIP
42-Lead Flatpack
Y
ETOXTM Nonvolatile Flash Technology
12V Byte WriteBlock Erase
Y
Independent Software Vendor Support
Microsoft Flash File System (FFS)
Intel’s M28F008 8-Mbit FlashFile Memory is the highest density nonvolatile readwrite solution for solid state
storage The M28F008’s extended cycling symmetrically blocked architecture fast access time write automa-
tion and low power consumption provide a more reliable lower power lighter weight and higher performance
alternative to traditional rotating disk technology The M28F008 brings new capabilities to portable computing
Application and operating system software stored in resident flash memory arrays provide instant-on rapid
execute-in-place and protection from obsolescence through in-system software updates Resident software
also extends system battery life and increases reliability by reducing disk drive accesses
For high-density data acquisition applications the M28F008 offers a more cost-effective and reliable alterna-
tive to SRAM and battery Traditional high density embedded applications such as telecommunications can
take advantage of the M28F008’s nonvolatility blocking and minimal system code requirements for flexible
firmware and modular software designs
The M28F008 is offered in 40-lead sidebrazed DIP and 42-lead Flatpack packages This device uses an
integrated Command User Interface and state machine for simplified block erasure and byte write The
M28F008 memory map consists of 16 separately erasable 64 Kbyte blocks
Intel’s M28F008 employs advanced CMOS circuitry for systems requiring low power consumption and noise
immunity Its 100 ns access time provides superior performance when compared with magnetic storage media
A deep powerdown mode lowers power consumption to 500 mW maximum thru VCC The RP power control
input also provides absolute data protection during system powerupdown
Manufactured on Intel’s ETOX process technology the M28F008 provides the highest levels of quality reliabil-
ity and cost-effectiveness
Microsoft is a trademark of Microsoft Corporation


Similar Part No. - M28F008

ManufacturerPart #DatasheetDescription
logo
Rochester Electronics
M28F008 ROCHESTER-M28F008 Datasheet
1Mb / 14P
8 MBIT (1 MBIT x 8) FLASH MEMORY Extended Cycllng Capablllty
More results

Similar Description - M28F008

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH28F008SAHR SHARP-LH28F008SAHR Datasheet
1Mb / 29P
8 MBIT(1 MBIT x 8)FLASH MEMORY
LH28F008SAT SHARP-LH28F008SAT Datasheet
2Mb / 34P
8 MBIT(1 MBIT x 8) FLASH MEMORY
LH28F008SCH-V SHARP-LH28F008SCH-V Datasheet
1Mb / 41P
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
LH28F008SCH SHARP-LH28F008SCH Datasheet
1Mb / 44P
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
LH28F008SCHT SHARP-LH28F008SCHT Datasheet
3Mb / 47P
8-MBIT(1 MB x 8) SmartVoltage Flash MEMORY
logo
Intel Corporation
28F008SA-L INTEL-28F008SA-L Datasheet
437Kb / 28P
8-MBIT (1 MBIT x 8) FLASHFILETM MEMORY
28F008SA INTEL-28F008SA Datasheet
466Kb / 33P
8-MBIT (1-MBIT x 8) FlashFileTM MEMORY
28F016XS INTEL-28F016XS Datasheet
1Mb / 54P
16-MBIT (1 MBIT x 16, 2 MBIT x 8) SYNCHRONOUS FLASH MEMORY
VE28F008 INTEL-VE28F008 Datasheet
381Kb / 26P
8 MBIT (1 MBIT x 8) FLASH MEMORY
logo
Rochester Electronics
M28F008 ROCHESTER-M28F008 Datasheet
1Mb / 14P
8 MBIT (1 MBIT x 8) FLASH MEMORY Extended Cycllng Capablllty
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com