Electronic Components Datasheet Search
  English  ▼

X  

M28F008 Datasheet(PDF) 7 Page - Intel Corporation

Part # M28F008
Description  8 MBIT (1 MBIT x 8) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M28F008 Datasheet(HTML) 7 Page - Intel Corporation

Back Button M28F008 Datasheet HTML 3Page - Intel Corporation M28F008 Datasheet HTML 4Page - Intel Corporation M28F008 Datasheet HTML 5Page - Intel Corporation M28F008 Datasheet HTML 6Page - Intel Corporation M28F008 Datasheet HTML 7Page - Intel Corporation M28F008 Datasheet HTML 8Page - Intel Corporation M28F008 Datasheet HTML 9Page - Intel Corporation M28F008 Datasheet HTML 10Page - Intel Corporation M28F008 Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
M28F008
Table 2 Bus Operations
Mode
Notes
RP
CE
OE
WE
A0
VPP
DQ0–7
RYBY
Read
1 2 3
VIH
VIL
VIL
VIH
XX
DOUT
X
Output Disable
3
VIH
VIL
VIH
VIH
X
X
High Z
X
Standby
3
VIH
VIH
X
X
X
X
High Z
X
PowerDown
VIL
X
X
X
X
X
High Z
VOH
Intelligent Identifier (Mfr)
VIH
VIL
VIL
VIH
VIL
X
89H
VOH
Intelligent Identifier (Device)
VIH
VIL
VIL
VIH
VIH
X
A2H
VOH
Write
3 4 5
VIH
VIL
VIH
VIL
XX
DIN
X
NOTES
1 Refer to DC Characteristics When VPP e VPPL memory contents can be read but not written or erased
2 X can be VIL or VIH for control pins and addresses and VPPL or VPPH for VPP See DC Characteristics for VPPL and VPPH
voltages
3 RYBY is VOL when the Write State Machine is executing internal block erase or byte write algorithms It is VOH when the
WSM is not busy in Erase Suspend mode or deep powerdown mode
4 Command writes involving block erase or byte write are only successfully executed when VPP e VPPH
5 Refer to Table 3 for valid DIN during a write operation
must be logically active to obtain data at the outputs
Chip Enable (CE) is the device selection control and
when active enables the selected memory device
Output Enable (OE) is the data inputoutput (DQ0–
DQ7) direction control and when active drives data
from the selected memory onto the IO bus RP and
WE must also be at VIH Figure 8 illustrates read bus
cycle waveforms
Output Disable
With OE at a logic-high level (VIH) the device out-
puts are disabled
Output pins (DQ0–DQ7) are
placed in a high-impedance state
Standby
CE at a logic-high level (VIH) places the M28F008 in
standby mode Standby operation disables much of
the M28F008’s circuitry and substantially reduces
device power consumption The outputs (DQ0–DQ7)
are placed in a high-impedence state independent of
the status of OE If the M28F008 is deselected dur-
ing block erase or byte write the device will continue
functioning and consuming normal active power until
the operation completes
Deep Power-Down
The M28F008 offers a deep powerdown feature en-
tered when RP is at VIL Current draw thru VCC is
100 mA maximum in deep powerdown mode with
current draw through VPP 20 mA maximum During
read modes RP at a logic-low level (VIL) deselects
the memory places output drivers in a high-impe-
dence state and turns off all internal circuits The
M28F008 requires time tPHQV (see AC Characteris-
tics-Read-Only Operations) after return from power-
down until initial memory access outputs are valid
After this wakeup interval normal operation is re-
stored The Command User Interface is reset to
Read Array mode and the upper 5 bits of the Status
Register are cleared to value 10000 upon return to
normal operation
During block erase or byte write modes RP at a log-
ic-low level (VIL) will abort either operation Memory
contents of the block being altered are no longer
valid as the data will be partially written or erased
Time tPHWL after RP goes to logic-high (VIH) is re-
quired before another command can be written
Intelligent Identifier Operation
The intelligent identifier operation outputs the manu-
facturer code 89H and the device code A2H for
the M28F008 The system CPU can then automati-
cally match the device with its proper block erase
and byte write algorithms
The manufacturer and device codes are read via the
Command User Interface Following a write of 90H
to the Command User Interface a read from ad-
dress location 00000H outputs the manufacturer
code (89H) A read from address location 00001H
outputs the device code (A2H) It is not necessary to
have high voltage applied to VPP to read the intelli-
gent identifier from the Command User Interface
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com