Electronic Components Datasheet Search
  English  ▼

X  

M28F008 Datasheet(PDF) 2 Page - Intel Corporation

Part # M28F008
Description  8 MBIT (1 MBIT x 8) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M28F008 Datasheet(HTML) 2 Page - Intel Corporation

  M28F008 Datasheet HTML 1Page - Intel Corporation M28F008 Datasheet HTML 2Page - Intel Corporation M28F008 Datasheet HTML 3Page - Intel Corporation M28F008 Datasheet HTML 4Page - Intel Corporation M28F008 Datasheet HTML 5Page - Intel Corporation M28F008 Datasheet HTML 6Page - Intel Corporation M28F008 Datasheet HTML 7Page - Intel Corporation M28F008 Datasheet HTML 8Page - Intel Corporation M28F008 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
M28F008
PRODUCT OVERVIEW
The M28F008 is a high-performance 8 Mbit
(8388608 bit) memory organized as 1 Mbyte
(1048576 bytes) of 8 bits each Sixteen 64 Kbyte
(65536 byte) blocks are included on the M28F008
A memory map is shown in Figure 4 of this specifica-
tion A block erase operation erases one of the six-
teen blocks of memory in typically 16 seconds in-
dependent of the remaining blocks Each block can
be independently erased and written 10000 cycles
Erase Suspend
mode allows system software to
suspend block erase to read data or execute code
from any other block of the M28F008
The M28F008 is available in 40-lead sidebrazed
DIP
and 42-lead Flatpack packages Pinouts are
shown in Figures 2a and 2b of this specification
The Command User Interface serves as the inter-
face between the microprocessor or microcontroller
and the internal operation of the M28F008
Byte Write and Block Erase Automation
allow
byte write and block erase operations to be execut-
ed using a two-write command sequence to the
Command User Interface The internal Write State
Machine
(WSM) automatically executes the algo-
rithms and timings necessary for byte write and
block
erase
operations
including
verifications
thereby unburdening the microprocessor or micro-
controller Writing of memory data is performed in
byte increments typically within 9 ms an 80% im-
provement over current flash memory products IPP
byte write and block erase currents
are 30 mA
maximum VPP byte write and block erase volt-
age
is 114V to 126V
The Status Register indicates the status of the
WSM and when the WSM successfully completes
the desired byte write or block erase operation
The RYBY output gives an additional indicator of
WSM activity providing capability for both hardware
signal of status (versus software polling) and status
masking (interrupt masking for background erase
for example) Status polling using RYBY minimizes
both CPU overhead and system power consump-
tion When low RYBY indicates that the WSM is
performing a block erase or byte write operation
RYBY high indicates that the WSM is ready for new
commands block erase is suspended or the device
is in deep powerdown mode
Maximum access time is 100 ns (tACC) over the mili-
tary temperature range (b55 Cto a125 C) and
over VCC supply voltage range 45V to 55V ICC ac-
tive current
(CMOS Read) is 35 mA maximum at
8 MHz
When the CE and RP pins are at VCC the ICC CMOS
Standby
mode is enabled
A Deep Powerdown mode is enabled when the RP
pin is at GND minimizing power consumption and
providing write protection ICC current in deep pow-
erdown is 100 mA maximum Reset time of 400 ns
is required from RP switching high until outputs are
valid to read attempts Equivalently the device has a
wake time of 1 ms from RP high until writes to the
Command User Interface are recognized by the
M28F008 With RP at GND the WSM is reset and
the Status Register is cleared
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com