| Electronic Components Datasheet Search |
|
M28F008 Datasheet(PDF) 6 Page - Intel Corporation |
|
|
|||||||||||||||||||||||||||||
M28F008 Datasheet(HTML) 6 Page - Intel Corporation |
|
6 / 28 page ![]() M28F008 erase and byte write circuitry Write cycles also inter- nally latch addresses and data needed for byte write or block erase operations With the appropriate com- mand written to the register standard microproces- sor read timings output array data access the intelli- gent identifier codes or output byte write and block erase status for verification Interface software to initiate and poll progress of in- ternal byte write and block erase can be stored in any of the M28F008 blocks This code is copied to and executed from system RAM during actual flash memory update After successful completion of byte write andor block erase codedata reads from the M28F008 are again possible via the Read Array command Erase suspendresume capability allows system software to suspend block erase to read data and execute code from any other block FFFFF 64 Kbyte Block EFFFF F0000 64 Kbyte Block DFFFF E0000 64 Kbyte Block CFFFF D0000 64 Kbyte Block BFFFF C0000 64 Kbyte Block AFFFF B0000 64 Kbyte Block 9FFFF A0000 64 Kbyte Block 8FFFF 90000 64 Kbyte Block 7FFFF 80000 64 Kbyte Block 6FFFF 70000 64 Kbyte Block 5FFFF 60000 64 Kbyte Block 4FFFF 50000 64 Kbyte Block 3FFFF 40000 64 Kbyte Block 2FFFF 30000 64 Kbyte Block 1FFFF 20000 64 Kbyte Block 0FFFF 10000 64 Kbyte Block 00000 Figure 4 Memory Map Command User Interface and Write Automation An on-chip state machine controls block erase and byte write freeing the system processor for other tasks After receiving the Erase Setup and Erase Confirm commands the state machine controls block pre-conditioning and erase returning progress via the Status Register and RYBY output Byte write is similarly controlled after destination address and expected data are supplied The program and erase algorithms of past Intel Flash memories are now regulated by the state machine including pulse repetition where required and internal verification and margining of data Data Protection Depending on the application the system designer may choose to make the VPP power supply switcha- ble (available only when memory byte writesblock erases are required) or hardwired to VPPH When VPP e VPPL memory contents cannot be altered The M28F008 Command User Interface architecture provides protection from unwanted byte write or block erase operations even when high voltage is applied to VPP Additionally all functions are dis- abled whenever VCC is below the write lockout volt- age VLKO or when RP is at VIL The M28F008 ac- commodates either design practice and encourages optimization of the processor-memory interface The two-step byte writeblock erase Command User Interface write sequence provides additional soft- ware write protection BUS OPERATION Flash memory reads erases and writes in-system via the local CPU All bus cycles to or from the flash memory conform to standard microprocessor bus cycles Read The M28F008 has three read modes The memory can be read from any of its blocks and information can be read from the intelligent identifier or Status Register VPP can be at either VPPL or VPPH The first task is to write the appropriate read mode command to the Command User Interface (array in- telligent identifier or Status Register) The M28F008 automatically resets to Read Array mode upon initial device powerup or after exit from deep powerdown The M28F008 has four control pins two of which 6 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |