Electronic Components Datasheet Search
  English  ▼

X  

M28F008 Datasheet(PDF) 28 Page - Intel Corporation

Part # M28F008
Description  8 MBIT (1 MBIT x 8) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M28F008 Datasheet(HTML) 28 Page - Intel Corporation

Back Button M28F008 Datasheet HTML 20Page - Intel Corporation M28F008 Datasheet HTML 21Page - Intel Corporation M28F008 Datasheet HTML 22Page - Intel Corporation M28F008 Datasheet HTML 23Page - Intel Corporation M28F008 Datasheet HTML 24Page - Intel Corporation M28F008 Datasheet HTML 25Page - Intel Corporation M28F008 Datasheet HTML 26Page - Intel Corporation M28F008 Datasheet HTML 27Page - Intel Corporation M28F008 Datasheet HTML 28Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 28 / 28 page
background image
M28F008
REVISION HISTORY
Number
Description
-002
Revised Extended Cycling Capability to
10K Block Erase Cycles
160K Block Erase Cycles per Chip
Changed IPPS Standby current spec
from g10 mAto g15 mA
Removed typical Block Erase times
Number
Description
-003
PWD renamed RP for JEDEC stan-
dardization compatibility
Added MF 42-Lead Flatpack
Added 100 ns access time specs
Combined VPP Standby current and
VPP Read current into one VPP Stand-
by condition with two test conditions
(DC Characteristics table)
INTEL CORPORATION 2200 Mission College Blvd Santa Clara CA 95052 Tel (408) 765-8080
INTEL CORPORATION (UK) Ltd Swindon United Kingdom Tel (0793) 696 000
INTEL JAPAN kk Ibaraki-ken Tel 029747-8511
Printed in USAxxxx1295B10Mxx xx



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com