Electronic Components Datasheet Search
  English  ▼

X  

M28F008 Datasheet(PDF) 18 Page - Intel Corporation

Part # M28F008
Description  8 MBIT (1 MBIT x 8) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M28F008 Datasheet(HTML) 18 Page - Intel Corporation

Back Button M28F008 Datasheet HTML 14Page - Intel Corporation M28F008 Datasheet HTML 15Page - Intel Corporation M28F008 Datasheet HTML 16Page - Intel Corporation M28F008 Datasheet HTML 17Page - Intel Corporation M28F008 Datasheet HTML 18Page - Intel Corporation M28F008 Datasheet HTML 19Page - Intel Corporation M28F008 Datasheet HTML 20Page - Intel Corporation M28F008 Datasheet HTML 21Page - Intel Corporation M28F008 Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
M28F008
AC INPUTOUTPUT REFERENCE WAVEFORM
271232 – 9
AC test inputs are driven at VOH (24 VTTL) for a Logic ‘‘1’’ and VOL (045 VTTL) for a Logic
‘‘0’’ Input timing begins at VIH (20 VTTL) and VIL (08 VTTL) Output timing ends at VIH and
VIL Input rise and fall times (10% to 90%) k 10 ns
AC TESTING LOAD CIRCUIT
CL e 100 pF
CL Includes Jig
271232 – 10
Capacitance
RL e 33 kX
AC CHARACTERISTICSRead-Only Operations(1 4)
Symbol
Parameter
Notes
M28F008-10(4)
M28F008-12(4)
Unit
Min
Max
Min
Max
tAVAV
tRC
Read Cycle Time
100
120
ns
tAVQV
tACC
Address to Output Display
100
120
ns
tELQV
tCE
CE to Output Delay
2
100
120
ns
tPHQV
tPWH
RP High to Output Delay
400
400
ns
tGLQV
tOE
OE to Output Delay
2
60
60
ns
tELQX
tLZ
CE to Output Low Z
3
0
0
ns
tEHQZ
tHZ
CE High to Output High Z
3
55
55
ns
tGLQX
tOLZ
OE to Output Low Z
3
0
0
ns
tGHQZ
tDF
OE High to Output High Z
3
30
30
ns
tOH
Output Hold from
3
0
0
ns
Addresses CE or OE
Change Whichever is First
NOTES
1 See AC InputOutput Reference Waveform for timing measurements
2 OE may be delayed up to tCE–tOE after the falling edge of CE without impact on tCE
3 Sampled not 100% tested
4 See AC InputOutput Reference Waveforms and AC Testing Load Circuits for testing characteristics
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com