Electronic Components Datasheet Search
  English  ▼

X  

M28F008 Datasheet(PDF) 4 Page - Intel Corporation

Part # M28F008
Description  8 MBIT (1 MBIT x 8) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M28F008 Datasheet(HTML) 4 Page - Intel Corporation

  M28F008 Datasheet HTML 1Page - Intel Corporation M28F008 Datasheet HTML 2Page - Intel Corporation M28F008 Datasheet HTML 3Page - Intel Corporation M28F008 Datasheet HTML 4Page - Intel Corporation M28F008 Datasheet HTML 5Page - Intel Corporation M28F008 Datasheet HTML 6Page - Intel Corporation M28F008 Datasheet HTML 7Page - Intel Corporation M28F008 Datasheet HTML 8Page - Intel Corporation M28F008 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
M28F008
Table 1 Pin Description
(Continued)
Symbol
Type
Name and Function
RYBY
OUTPUT
READYBUSY
Indicates the status of the internal Write State Machine When
low it indicates that the WSM is performing a block erase or byte write operation
RYBY high indicates that the WSM is ready for new commands block erase is
suspended or the device is in deep powerdown mode RYBY is always active and
does NOT float to tri-state off when the chip is deselected or data outputs are
disabled
VPP
BLOCK ERASEBYTE WRITE POWER SUPPLY
for erasing blocks of the array
or writing bytes of each block
NOTE
With VPP k VPPLMAX memory contents cannot be altered
VCC
DEVICE POWER SUPPLY (5V g10%)
GND
GROUND
271232 – 2
Figure 2a DIP Pinout
271232 – 14
Figure 2b Flatpack Pinout
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com