Electronic Components Datasheet Search
  English  ▼

X  

M28F008 Datasheet(PDF) 3 Page - Intel Corporation

Part # M28F008
Description  8 MBIT (1 MBIT x 8) FLASH MEMORY
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

M28F008 Datasheet(HTML) 3 Page - Intel Corporation

  M28F008 Datasheet HTML 1Page - Intel Corporation M28F008 Datasheet HTML 2Page - Intel Corporation M28F008 Datasheet HTML 3Page - Intel Corporation M28F008 Datasheet HTML 4Page - Intel Corporation M28F008 Datasheet HTML 5Page - Intel Corporation M28F008 Datasheet HTML 6Page - Intel Corporation M28F008 Datasheet HTML 7Page - Intel Corporation M28F008 Datasheet HTML 8Page - Intel Corporation M28F008 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
M28F008
271232 – 1
Figure 1 Block Diagram
Table 1 Pin Description
Symbol
Type
Name and Function
A0–A19
INPUT
ADDRESS INPUTS
for memory addresses Addresses are internally
latched during a write cycle
DQ0–DQ7
INPUTOUTPUT
DATA INPUTOUTPUTS
Inputs data and commands during Command
User Interface write cycles outputs data during memory array Status
Register and Identifier read cycles The data pins are active high and
float to tri-state off when the chip is deselected or the outputs are
disabled Data is internally latched during a write cycle
CE
INPUT
CHIP ENABLE
Activates the device’s control logic input buffers
decoders and sense amplifiers CE is active low CE high deselects the
memory device and reduces power consumption to standby levels
RP
INPUT
RESETDEEP POWERDOWN
Puts the device in deep powerdown
mode RP is active low RP high gates normal operation RP also locks
out block erase or byte write operations when active low providing data
protection during power transitions RP active resets internal
automation Exit from Deep Powerdown sets device to read-array mode
OE
INPUT
OUTPUT ENABLE
Gates the device’s outputs through the data buffers
during a read cycle OE is active low
WE
INPUT
WRITE ENABLE
Controls writes to the Command User Interface and
array blocks WE is active low Addresses and data are latched on the
rising edge of the WE pulse
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com