Electronic Components Datasheet Search
  English  ▼

X  

AD9856 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 4 Page - Analog Devices

  AD9856 Datasheet HTML 1Page - Analog Devices AD9856 Datasheet HTML 2Page - Analog Devices AD9856 Datasheet HTML 3Page - Analog Devices AD9856 Datasheet HTML 4Page - Analog Devices AD9856 Datasheet HTML 5Page - Analog Devices AD9856 Datasheet HTML 6Page - Analog Devices AD9856 Datasheet HTML 7Page - Analog Devices AD9856 Datasheet HTML 8Page - Analog Devices AD9856 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
AD9856
Rev. C | Page 4 of 36
Parameter
Temp
Test Level
Min
Typ
Max
Unit
TIMING CHARACTERISTICS
Serial Control Bus
Maximum Frequency
Full
IV
10
MHz
Minimum Clock Pulse Width High (tPWH)
Full
IV
30
ns
Minimum Clock Pulse Width Low (tPWL)
Full
IV
30
ns
Maximum Clock Rise/Fall Time
Full
IV
1
ms
Minimum Data Setup Time (tDS)
Full
IV
25
ns
Minimum Data Hold Time (tDH)
Full
IV
0
ns
Maximum Data Valid Time (tDV)
Full
IV
30
ns
Wake-Up Time2
Full
IV
1
ms
Minimum RESET Pulse Width High (tRH)
Full
IV
5
REFCLK cycles
CMOS LOGIC INPUTS
Logic 1 Voltage
25°C
I
2.6
V
Logic 0 Voltage
25°C
I
0.4
V
Logic 1 Current
25°C
I
12
µA
Logic 0 Current
25°C
I
12
µA
Input Capacitance
25°C
V
3
pF
CMOS LOGIC OUTPUTS (1 mA LOAD)
Logic 1 Voltage
25°C
I
2.7
mA
Logic 0 Voltage
25°C
I
0.4
mA
POWER SUPPLY
+VS Current
Full Operating Conditions3
25°C
I
530
mA
Burst Operation (25%)
25°C
I
450
mA
Single-Tone Mode
25°C
I
495
mA
160 MHz Clock
25°C
I
445
mA
120 MHz Clock
25°C
I
345
mA
Power-Down Mode
25°C
I
2
mA
2 Assuming 1.3 kΩ and 0.01 µF loop filter components.
3 Assuming 1.3 kW and 0.01 mF loop filter components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com