Electronic Components Datasheet Search
  English  ▼

X  

AD9856 Datasheet(PDF) 7 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD9856 Datasheet HTML 3Page - Analog Devices AD9856 Datasheet HTML 4Page - Analog Devices AD9856 Datasheet HTML 5Page - Analog Devices AD9856 Datasheet HTML 6Page - Analog Devices AD9856 Datasheet HTML 7Page - Analog Devices AD9856 Datasheet HTML 8Page - Analog Devices AD9856 Datasheet HTML 9Page - Analog Devices AD9856 Datasheet HTML 10Page - Analog Devices AD9856 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
AD9856
Rev. C | Page 7 of 36
Table 4. Functional Block Mode Descriptions
Functional Block
Mode Description
Operating Modes
1. Complex quadrature modulator mode.
2. Single-tone output mode.
Input Data Format
Programmable: 12-bit, 6-bit, or 3-bit input formats. Data input to the AD9856 is 12-bit, twos complement. Complex
I/Q symbol component data is required to be at least 2× oversampled, depending upon configuration.
Input Sample Rate
Up to 50 Msamples/sec @ 200 MHz SYSCLK rate.
Input Reference
Clock Frequency
For DC to 80 MHz AOUT operation (200 MHz SYSCLK rate) with REFCLK multiplier enabled: 10 MHz to50 MHz,
programmable via control bus; with REFCLK multiplier disabled: 200 MHz.
Note: For optimum data synchronization, the AD9856 reference clock and the input data clock should be derived
from the same clock source.
Internal Reference
Clock Multiplier
Programmable in integer steps over the range of 4× to 20×. Can be disabled (effective REFCLK multiplier = 1) via
control bus. Output of REFCLK multiplier = SYSCLK rate, which is the internal clock rate applied to the DDS and DAC
function.
Profile Select
Four pin-selectable, preprogrammed formats. Available for modulation and single-tone operating modes.
Interpolating Range
Fixed 4×, selectable 2×, and selectable 2× to 63× range.
Half-Band Filters
Interpolating filters that provide upsampling and reduce the effects of the CIC passband roll-off characteristics.
TxENABLE Function–
Burst Mode
When burst mode is enabled via the control bus, the rising edge of the applied TxENABLE pulse should be
coincident with, and frame, the input data packet. This establishes data sampling synchronization.
TxENABLE Function–
Continuous Mode
When continuous mode is enabled via the control bus, the TxENABLE pin becomes an I/Q control line. A Logic 1
on TxENABLE indicates I data is being presented to the AD9856. A Logic 0 on TxENABLE indicates Q data is being
presented to the AD9856. Each rising edge of TxENABLE resynchronizes the AD9856 input sampling capability.
Inverse SINC Filter
Precompensates for SIN(x)/x roll-off of DAC; user bypassable.
I/Q Channel Invert
[I ×Cos(
ωt) + Q ×Sin(ωt)] or [I ×Cos(ωt) − Q ×Sin(ωt)] (default), configurable via control bus, per profile.
Full Sleep Mode
Power dissipation reduced to less than 6 mW when full sleep mode is active; programmable via the control bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com