Electronic Components Datasheet Search
  English  ▼

X  

AD9856 Datasheet(PDF) 18 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 18 Page - Analog Devices

Back Button AD9856 Datasheet HTML 14Page - Analog Devices AD9856 Datasheet HTML 15Page - Analog Devices AD9856 Datasheet HTML 16Page - Analog Devices AD9856 Datasheet HTML 17Page - Analog Devices AD9856 Datasheet HTML 18Page - Analog Devices AD9856 Datasheet HTML 19Page - Analog Devices AD9856 Datasheet HTML 20Page - Analog Devices AD9856 Datasheet HTML 21Page - Analog Devices AD9856 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 36 page
background image
AD9856
Rev. C | Page 18 of 36
TxENABLE
D(11:0)
INTERNAL I
INTERNAL Q
I0
Q0
I1
Q1
I2
Q2
I3
Q3
I4
Q4
I0
I1
I2
I3
Q0
Q2
Q3
Q1
Figure 24. 12-Bit Input Mode, Classic Burst Timing
TxENABLE
D(11:0)
INTERNAL I
INTERNAL Q
I0
Q0
I1
Q1
I2
Q2
I3
Q3
I4
Q4
I0
I1
I2
I3
Q0
Q1
Q2
Q3
Figure 25. 12-Bit Input Mode, Alternate TxENABLE Timing
TxENABLE
D(11:6)
INTERNAL I
INTERNAL Q
I0
I1
Q0
Q1
I0(11:6)
I0(5:0)
Q0(5:0)
I1(11:6)
I1(5:0)
Q1(11:6)
Q1(5:0)
I2(11:6)
Q0(11:6)
I2(5:0)
Figure 26. 6-Bit Input Mode, Burst Mode Timing
I0(11:9)
I0(8:6)
I0(5:3)
I0(2:0)
Q0(11:9)
Q0(8:6)
Q0(5:3)
Q0(2:0)
I1(11:9)
I1(8:6)
TxENABLE
D(11:9)
INTERNAL I
INTERNAL Q
I0
Q0
Figure 27. 3-Bit Input Mode, Burst Mode Timing
TxENABLE
D(11:0)
INTERNAL I
INTERNAL Q
IN
QN
I0
Q0
I1
Q1
IN
IN–2
IN–1
QN–2
QN–1
QN
LOGIC 0
LOGIC 0
I0
Q0
Figure 28. End of Burst Mode Input Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com