Electronic Components Datasheet Search
  English  ▼

X  

AD9856 Datasheet(PDF) 24 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 24 Page - Analog Devices

Back Button AD9856 Datasheet HTML 20Page - Analog Devices AD9856 Datasheet HTML 21Page - Analog Devices AD9856 Datasheet HTML 22Page - Analog Devices AD9856 Datasheet HTML 23Page - Analog Devices AD9856 Datasheet HTML 24Page - Analog Devices AD9856 Datasheet HTML 25Page - Analog Devices AD9856 Datasheet HTML 26Page - Analog Devices AD9856 Datasheet HTML 27Page - Analog Devices AD9856 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
AD9856
Rev. C | Page 24 of 36
Table 6. CIC Interpolation Filter Insertion Loss Table
Default Gain
2 × Gain
Interpolation
Rate
(Linear)
(dB)
(Linear)
(dB)
2
1.0000
0.000
2.0000
6.021
3
0.8438
−1.476
1.6875
4.545
4
1.0000
0.000
2.0000
6.021
5
0.9766
−0.206
1.9531
5.815
6
0.8438
−1.476
1.6875
4.545
7
0.6699
−3.480
1.3398
2.541
8
1.0000
0.000
2.0000
6.021
9
0.7119
−2.951
1.4238
3.069
10
0.9766
−0.206
1.9531
5.815
11
0.6499
−3.743
1.2998
2.278
12
0.8438
−1.476
1.6875
4.545
13
0.5364
−5.411
1.0728
0.610
14
0.6699
−3.480
1.3398
2.541
15
0.8240
−1.682
1.6479
4.339
16
1.0000
0.000
2.0000
6.021
17
0.5997
−4.441
1.1995
1.580
18
0.7119
−2.951
1.4238
3.069
19
0.8373
−1.543
1.6746
4.478
20
0.9766
−0.206
1.9531
5.815
21
0.5652
−4.955
1.1305
1.065
22
0.6499
−3.743
1.2998
2.278
23
0.7426
−2.585
1.4852
3.436
24
0.8438
−1.476
1.6875
4.545
25
0.9537
−0.412
1.9073
5.609
26
0.5364
−5.411
1.0728
0.610
27
0.6007
−4.427
1.2014
1.593
28
0.6699
−3.480
1.3398
2.541
29
0.7443
−2.565
1.4886
3.455
30
0.8240
−1.682
1.6479
4.339
31
0.9091
−0.827
1.8183
5.193
32
1.0000
0.000
2.0000
6.021
33
0.5484
−5.219
1.0967
0.802
34
0.5997
−4.441
1.1995
1.580
35
0.6542
−3.686
1.3084
2.335
36
0.7119
−2.951
1.4238
3.069
37
0.7729
−2.237
1.5458
3.783
38
0.8373
−1.543
1.6746
4.478
39
0.9051
−0.866
1.8103
5.155
40
0.9766
−0.206
1.9531
5.815
41
0.5258
−5.583
1.0517
0.437
42
0.5652
−4.955
1.1305
1.065
43
0.6066
−4.342
1.2132
1.679
44
0.6499
−3.743
1.2998
2.278
45
0.6952
−3.157
1.3905
2.863
46
0.7426
−2.585
1.4852
3.436
47
0.7921
−2.024
1.5842
3.996
48
0.8438
−1.476
1.6875
4.545
49
0.8976
−0.938
1.7952
5.082
Default Gain
2 × Gain
Interpolation
Rate
(Linear)
(dB)
(Linear)
(dB)
50
0.9537
−0.412
1.9073
5.609
51
0.5060
−5.917
1.0120
0.104
52
0.5364
−5.411
1.0728
0.610
53
0.5679
−4.914
1.1358
1.106
54
0.6007
−4.427
1.2014
1.593
55
0.6347
−3.949
1.2693
2.072
56
0.6699
−3.480
1.3398
2.541
57
0.7065
−3.018
1.4129
3.002
58
0.7443
−2.565
1.4886
3.455
59
0.7835
−2.120
1.5669
3.901
60
0.8240
−1.682
1.6479
4.339
61
0.8659
−1.251
1.7317
4.770
62
0.9091
−0.827
1.8183
5.193
63
0.9539
−0.410
1.9077
5.610
INVERSE SINC FILTER (ISF)
The AD9856 is almost entirely a digital device. The input signal
is made up of a time series of digital data-words. These data-
words propagate through the device as numbers. Ultimately,
this number stream must be converted to an analog signal.
To this end, the AD9856 incorporates an integrated DAC.
The output waveform of the DAC is the familiar staircase
pattern typical of a signal that is sampled and quantized. The
staircase pattern is a result of the finite time that the DAC holds
a quantized level until the next sampling instant. This is known
as a zero-order hold function. The spectrum of the zero-order
hold function is the SIN(x)/x, or SINC, envelope.
The series of digital data-words presented at the input of the
DAC represent an impulse stream. It is the spectrum of this
impulse stream, which is the desired output signal. Due to
the zero-order hold effect of the DAC, however, the output
spectrum is the product of the zero-order hold spectrum
(the SINC envelope) and the Fourier transform of the impulse
stream. Thus, there is an intrinsic distortion in the output
spectrum, which follows the SINC response.
The SINC response is deterministic and totally predictable.
Thus, it is possible to predistort the input data stream in a
manner that compensates for the SINC envelope distortion.
This can be accomplished by means of an ISF. The ISF
incorporated on the AD9856 is a 17-tap, linear phase FIR filter.
Its frequency response characteristic is the inverse of the SINC
envelope. Data sent through the ISF is altered to correct for the
SINC envelope distortion.
Note, however, that the ISF is sampled at the same rate as
the DAC. Thus, the effective range of the SINC envelope
compensation only extends to the Nyquist frequency (1/2 of
the DAC sample rate).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com