Electronic Components Datasheet Search
  English  ▼

X  

AD9856 Datasheet(PDF) 9 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 9 Page - Analog Devices

Back Button AD9856 Datasheet HTML 5Page - Analog Devices AD9856 Datasheet HTML 6Page - Analog Devices AD9856 Datasheet HTML 7Page - Analog Devices AD9856 Datasheet HTML 8Page - Analog Devices AD9856 Datasheet HTML 9Page - Analog Devices AD9856 Datasheet HTML 10Page - Analog Devices AD9856 Datasheet HTML 11Page - Analog Devices AD9856 Datasheet HTML 12Page - Analog Devices AD9856 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
AD9856
Rev. C | Page 9 of 36
TYPICAL SINGLE-TONE OUTPUT SPECTRAL PLOTS
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
STOP 100MHz
START 0Hz
10MHz/
REF LVL
–5dBm
RBW
VBW
SWT
RF ATT
UNIT
3kHz
3kHz
28s
20dB
dB
1AP
A
Figure 7. 21 MHz CW Output
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
STOP 100MHz
START 0Hz
10MHz/
REF LVL
–5dBm
RBW
VBW
SWT
RF ATT
UNIT
3kHz
3kHz
28s
20dB
dB
1AP
A
Figure 8. 65 MHz CW Output
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
STOP 100MHz
START 0Hz
10MHz/
REF LVL
–5dBm
RBW
VBW
SWT
RF ATT
UNIT
3kHz
3kHz
28s
20dB
dB
1AP
A
Figure 9. 42 MHz CW Output
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
STOP 100MHz
START 0Hz
10MHz/
REF LVL
–5dBm
RBW
VBW
SWT
RF ATT
UNIT
3kHz
3kHz
28s
20dB
dB
1AP
A
Figure 10. 79 MHz CW Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com