Electronic Components Datasheet Search
  English  ▼

X  

AD9856 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9856 Datasheet HTML 13Page - Analog Devices AD9856 Datasheet HTML 14Page - Analog Devices AD9856 Datasheet HTML 15Page - Analog Devices AD9856 Datasheet HTML 16Page - Analog Devices AD9856 Datasheet HTML 17Page - Analog Devices AD9856 Datasheet HTML 18Page - Analog Devices AD9856 Datasheet HTML 19Page - Analog Devices AD9856 Datasheet HTML 20Page - Analog Devices AD9856 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 36 page
background image
AD9856
Rev. C | Page 17 of 36
For continuous-mode input timing, the TxENABLE pin can
be thought of as a data input clock running at half the input
sample rate (fW/2). In addition to synchronization, for contin-
uous mode timing, the TxENABLE input indicates whether an
I or Q input is being presented to the D<11:0> pins. It is
intended that data is presented in alternating fashion such that
I data is followed by Q data. Stated another way, the TxENABLE
pin should maintain approximately a 50/50 duty cycle. As in
burst mode, the rising edge of TxENABLE synchronizes the
AD9856 to the input data rate and the data is registered at the
approximate center of the data-valid time. The continuous
operating mode can only be used in conjunction with the full-
word input format.
Burst Mode Input Timing
Figure 24 through Figure 28 show the input timing relationship
between TxENABLE and the 12-bit input data-word for all
three input format modes when the AD9856 is configured for
burst input timing. Also shown in these diagrams is the time-
aligned, 12-bit parallel I/Q data as assembled by the AD9856.
Figure 24 shows the classic burst-mode timing, for full-word
input mode, in which TxENABLE frames the input data stream.
Note that sequential input of alternating I/Q data, starting with
I data, is required.
The input sample rate for full-word mode, when the third half-
band filter is engaged, is given by
N
SYSCLK
fIN
4
/
=
where N is the CIC interpolation rate.
The input sample rate for full-word mode, when the third half-
band filter is not engaged is given by:
N
SYSCLK
fIN
2
/
=
where N is the CIC interpolation rate
Figure 25 shows an alternate timing method for TxENABLE
when the AD9856 is configured in full-word, burst-mode
operation. The benefit of this timing is that the AD9856
resynchronizes the input sampling logic when the rising edge of
TxENABLE is detected. The low time on TxENABLE is limited
to one input sample period and must be low during the Q data
period. The maximum high time on TxENABLE is unlimited.
Thus, unlimited high time on TxENABLE results in the timing
diagram of Figure 24. See Figure 28 for the ramifications of
violating the TxENABLE low time constraint when operating
in burst mode.
Figure 26 shows the input timing for half-word mode, burst
input timing operation.
In half-word mode, data is input on the D<11:6> inputs. The
D<5:0> inputs are unused in this mode and should be tied to
DGND or DVDD. The AD9856 expects the data to be input
in the following manner: I<11:6>, I<5:0>, Q<11:6>, Q<5:0>.
Data is twos complement; the sign bit is D<11> in the notation
I<11:0>, Q<11:0>.
The input sample rate for half-word mode, when the third half-
band filter is engaged, is given by
N
SYSCLK
fIN
4
/
=
where N is the CIC interpolation rate.
The input sample rate for half-word mode, when the third half-
band filter is not engaged is given by:
N
SYSCLK
fIN
2
/
=
where N is the CIC interpolation rate.
Figure 27 shows the input timing for quarter-word, burst input
timing operation.
In quarter-word mode, data is input on the D<11:9> inputs. The
D<8:0> inputs are unused in this mode and should be tied to
DGND or DVDD. The AD9856 expects the data to be input in
the following manner: I<11:9>, I<8:6>, I<5:3>, I<2:0>,
Q<11:9>, Q<8:6>, Q<5:3>, Q<2:0>. Data is twos complement;
the sign bit is D<11> in the notation I<11:0>, Q<11:0>.
The input sample rate for quarter-word mode, when the third
half-band filter is engaged, is given by:
N
SYSCLK
f IN
/
=
where N is the CIC interpolation rate.
Note that Half-Band Filter 3 must be engaged when operating
in quarter-word mode.
Figure 28 describes the end of burst timing and internal data
assembly. Note that in burst-mode operation, if the TxENABLE
input is low for more than one input sample period, numerical
zeros are internally generated and passed to the data path logic
for signal processing. This is not valid for continuous-mode
operation, as is discussed later.
To ensure proper operation, the minimum time between falling
and rising edges of TxENABLE is one input sample period.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com