Electronic Components Datasheet Search
  English  ▼

X  

AD9856 Datasheet(PDF) 34 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 34 Page - Analog Devices

Back Button AD9856 Datasheet HTML 28Page - Analog Devices AD9856 Datasheet HTML 29Page - Analog Devices AD9856 Datasheet HTML 30Page - Analog Devices AD9856 Datasheet HTML 31Page - Analog Devices AD9856 Datasheet HTML 32Page - Analog Devices AD9856 Datasheet HTML 33Page - Analog Devices AD9856 Datasheet HTML 34Page - Analog Devices AD9856 Datasheet HTML 35Page - Analog Devices AD9856 Datasheet HTML 36Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 34 / 36 page
background image
AD9856
Rev. C | Page 34 of 36
Figure 52. PCB Lay Out Pattern for Four-Layer AD9856 PCB Evaluation Board
Layer 1 (Top)—Signal Routing and Ground Plane
Figure 53. PCB Lay Out Pattern for Four-Layer AD9856 PCB Evaluation Board
Layer 2—Ground Plane
Figure 54. PCB Lay Out Pattern for Four-Layer AD9856 PCB Evaluation Board
Layer 3—DUT +V, +5 V and 12 V Power Plane
BOT
TO
M
SI
DE
MA
DE
IN
U.
S.
A.
AD
98
56
RE
V.
C
Figure 55. PCB Lay Out Pattern for Four-Layer AD9856 PCB Evaluation Board
Layer 4 (Bottom)—Signal Routing
AD8320/21
PROGRAMMABLE
CABLE DRIVER
AMPLIFIER
ENABLE AND GAIN CONTROL BUS
75
Ω
LP FILTER
AD9856
QUADRATURE DIGITAL
UPCONVERTER
CIU CONTROL PROCESSOR
DIRECT
CONTROL
LINES
CONTROL
BUS
75
Ω
TO
75
Ω
CABLE
PLANT
UPSTREAM
TO
DOWNSTREAM
DEMODULATOR
75
Ω
DATA IN
8-20MHz
REF CLOCK IN
Figure 56. Basic Implementation of AD9856 Digital Modulator and AD8320/AD8321 Programmable Cable Driver Amplifier
in 5 MHz to 65 MHz HFC Return-Path Application
VDD
DIGITAL
OUT
IOUT IOUTB
VDD
VDD
DIGITAL
IN
Figure 57. Equivalent I/O Circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com