Electronic Components Datasheet Search
  English  ▼

X  

AD9856 Datasheet(PDF) 31 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 31 Page - Analog Devices

Back Button AD9856 Datasheet HTML 27Page - Analog Devices AD9856 Datasheet HTML 28Page - Analog Devices AD9856 Datasheet HTML 29Page - Analog Devices AD9856 Datasheet HTML 30Page - Analog Devices AD9856 Datasheet HTML 31Page - Analog Devices AD9856 Datasheet HTML 32Page - Analog Devices AD9856 Datasheet HTML 33Page - Analog Devices AD9856 Datasheet HTML 34Page - Analog Devices AD9856 Datasheet HTML 35Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 36 page
background image
AD9856
Rev. C | Page 31 of 36
UNDERSTANDING AND USING PIN-SELECTABLE
MODULATOR PROFILES
The AD9856 quadrature digital upconverter is capable of
storing four preconfigured modulation modes called profiles
that define the following:
•
Output frequency—32 bits
•
Interpolation rate—6 bits
•
Spectral inversion status—1 bit
•
Bypass third half-band filter—1 bit
•
Gain control of AD8320/AD8321—8 bits
Output Frequency
This attribute consists of four 8-bit words loaded into four
register addresses to form a 32-bit frequency tuning word
(FTW) for each profile. The lowest register address corresponds
to the least significant 8-bit word. Ascending addresses
correspond to increasingly significant 8-bit words. The output
frequency equation is given as: fOUT = (FTW × SYSCLK)/232.
Interpolation Rate
Consists of a 6-bit word representing the allowed interpolation
values from 2 to 63. Interpolation is the mechanism used to up
sample or multiply the input data rate such that it exactly
matches that of the DDS sample rate (SYSCLK). This implies
that the system clock must be an exact multiple of the symbol
rate. This 6-bit word represents the 6 MSBs of the eight bits
allocated for that address. The remaining two bits contain the
spectral inversion status bit and half-band bypass bit.
Spectral Inversion
Single bit that when at Logic 0 the default or noninverted
output from the adder is sent to the following stages. A Logic 1
causes the inverted output to be sent to the following stages.
The noninverted output is described as
I × Cos(ωt) − Q × Sin(ωt).
The inverted output is described as
I × Cos(ωt) + Q × Sin(ωt).
This bit is located adjacent to the LSB at the same address as the
interpolation rate previously described.
Bypass Third Half-Band Filter
A single bit located in the LSB position of the same address as
the interpolation rate. When this bit is Logic 0, the third half-
band filter is engaged and its inherent 2× interpolation rate is
applied. When this bit is Logic 1, the third half-band filter is
bypassed and the 2× interpolation rate is negated. This allows
users to input higher data rates—rates that may be too high for
the minimum interpolation rate if all three half-band filters
with their inherent 2× interpolation rate are engaged. The effect
is to reduce the minimum interpolation rate from 8× to 4×.
AD8320/AD8321 Gain Control
An 8-bit word that controls the gain of an AD8320/AD8321
programmable gain amplifier connected to the AD9856 with
the 3-bit SPI interface bus. Gain range is from −10 dB (00 hex)
to +26 dB (FFhex). The gain is linear in V/V/LSB and follows
the equation AV = 0.316 + 0.077 × Code, where Code is the
decimal equivalent of the 8-bit gain word.
Profile Selection
After profiles have been loaded into the appropriate registers,
the user may select which profile to use with two input pins:
PS0 and PS1, Pins 45 and 46. Table 9 shows how profiles are
selected.
Table 9. Profile Select Matrix
PS1
PS0
PROFILE
0
0
1
0
1
2
1
0
3
1
1
4
Except while in single-tone mode, it is recommended that users
suspend the TxENABLE function by bringing the pin to Logic 0
prior to changing from one profile to another and then re-
asserting TxENABLE. This assures that any discontinuities
resulting from register data transfer are not transmitted up or
downstream. Furthermore, changing interpolation rates during
a burst may create an unrecoverable digital overflow condition
that interrupts transmission of the current burst until a RESET
and reloading procedure is completed.
POWER DISSIPATION CONSIDERATIONS
The majority of the AD9856 power dissipation comes from
digital switching currents. As such, power dissipation is highly
dependent upon chip configuration.
The major contributor to switching current is the maximum
clock rate at which the device is operated, but other factors can
play a significant role. Factors such as the CIC interpolation
rate, and whether the third half-band filter and inverse SINC
filters are active, can affect the power dissipation of the device.
It is important for the user to consider all of these factors when
optimizing performance for power dissipation. For example,
there are two ways to achieve a 6 MS/s transmission rate with
the AD9856. The first method uses an fMAX of 192 MHz; the
other method uses an fMAX of 144 MHz, which reduces power
dissipation by nearly 25%.
For the first method, the input data must be externally 4×
upsampled. The AD9856 must be configured for a CIC
interpolation rate of three while bypassing the 3rd half-band
filter. This results in an I/Q input sample rate of 24 MHz which
is further upsampled by a factor of 8 MHz to 192 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com