Electronic Components Datasheet Search
  English  ▼

X  

AD9856 Datasheet(PDF) 22 Page - Analog Devices

Part # AD9856
Description  CMOS 200 MHz Quadrature Digital Upconverter
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9856 Datasheet(HTML) 22 Page - Analog Devices

Back Button AD9856 Datasheet HTML 18Page - Analog Devices AD9856 Datasheet HTML 19Page - Analog Devices AD9856 Datasheet HTML 20Page - Analog Devices AD9856 Datasheet HTML 21Page - Analog Devices AD9856 Datasheet HTML 22Page - Analog Devices AD9856 Datasheet HTML 23Page - Analog Devices AD9856 Datasheet HTML 24Page - Analog Devices AD9856 Datasheet HTML 25Page - Analog Devices AD9856 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 36 page
background image
AD9856
Rev. C | Page 22 of 36
–150
–120
–90
–60
–30
0
16
12
48
020
24
2
DISPLAYED FREQUENCY IS RELATIVE TO I/Q NYQ. BW
8
32
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
DISPLAYED FREQUENCY IS RELATIVE TO I/Q NYQ. BW
Figure 35. CIC Filter Frequency Response (R = 2, HFB 3 Bypassed)
Figure 36. Pass-Band Detail (R = 2, HFB 3 Bypassed)
–150
–120
–90
–60
–30
0
0
72
144
216
258
360
432
504
DISPLAYED FREQUENCY IS RELATIVE TO I/Q NYQ. BW
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
DISPLAYED FREQUENCY IS RELATIVE TO I/Q NYQ. BW
Figure 37. CIC Filter Frequency Response (R = 63, HFB 3 Bypassed)
Figure 38. Pass-Band Detail (R = 63, HFB 3 Bypassed)
The degree of the impact of the attenuation introduced by the
CIC filter over the Nyquist bandwidth of the data is application
specific. The user must decide how much attenuation is
acceptable. If less attenuation is desired, then additional
oversampling of the baseband data must be employed.
Alternatively, the user can precompensate the baseband data
before presenting it to the AD9856. That is, if the data is
precompensated through a filter that has a frequency response
characteristic, which is the inverse of the CIC filter response,
then the overall system response can be nearly perfectly
flattened over the bandwidth of the data.
Another issue to consider with the CIC filters is insertion loss.
Unfortunately, CIC insertion loss is not fixed, but is a function
of R, M, and N. Because M, and N are fixed for the AD9856, the
CIC insertion loss is a function of R only.
Interpolation rates that are an integer power-of-2 result in no
insertion loss. However, all noninteger power-of-2 interpolation
rates result in a specific amount of insertion loss.
To help overcome the insertion loss problem, the AD9856
provides the user a means to boost the gain through the CIC
stage by a factor of 2 (via the CIC Gain bit—see the Serial
Control Bus Register section). The reason for this feature is to
allow the user to take advantage of the full dynamic range of the
DAC, thus maximizing the signal-to-noise ratio (SNR) at the
output of the DAC stage. It is best to operate the DAC over its
full-scale range in order to minimize the inherent quantization
effects associated with a DAC. Any significant loss through the
CIC stage is reflected at the DAC output as a reduction in SNR.
The degradation in SNR can be overcome by boosting the CIC
output level. Table 6 tabulates insertion loss as a function of R.
The values are provided in linear and decibel form, both with
and without the factor-of-2 gain employed.
A word of caution: When the CIC Gain bit is active, ensure that
the data supplied to the AD9856 is scaled down to yield an
overall gain of unity (1) through the CIC filter stage. Gains in
excess of unity are likely to cause overflow errors in the data
path, compromising the validity of the analog output signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com