Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMDFB Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # R5F36CAMDFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMDFB Datasheet(HTML) 4 Page - Renesas Technology Corp

  R5F36CAMDFB Datasheet HTML 1Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 2Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 3Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 4Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 5Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 6Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 7Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 8Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 4 of 96
Jul 31, 2012
M16C/6C Group
1. Overview
1.3
Product List
Table 1.3 lists Product List. Figure 1.1 shows Part No., with Memory Size and Package, and Figure 1.2
shows Marking Diagram (Top View).
Table 1.3
Product List
As of July 2012
Part No.
ROM Capacity
RAM
Capacity
Package Code
Remarks
Program
ROM 1
Program
ROM 2
Data flash
R5F36CAMNFA
512 KB
16 KB
4 KB
× 2 blocks
31 KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F36CAMNFB
PLQP0100KB-A
R5F36CAMDFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F36CAMDFB
PLQP0100KB-A
R5F36CAKNFA
384 KB
16 KB
4 KB
× 2 blocks
31 KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F36CAKNFB
PLQP0100KB-A
R5F36CAKDFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F36CAKDFB
PLQP0100KB-A
R5F36CAENFA
256 KB
16 KB
4 KB
× 2 blocks
20 KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F36CAENFB
PLQP0100KB-A
R5F36CAEDFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F36CAEDFB
PLQP0100KB-A
R5F36CA6NFA
128 KB
16 KB
4 KB
× 2 blocks
12 KB
PRQP0100JD-B Operating
temperature
-20°C to 85°C
R5F36CA6NFB
PLQP0100KB-A
R5F36CA6DFA
PRQP0100JD-B Operating
temperature
-40°C to 85°C
R5F36CA6DFB
PLQP0100KB-A
(D): Under development
(P): Planning
Previous package codes are as follows:
PRQP0100JD-B: 100P6F-A
PLQP0100KB-A: 100P6Q-A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com