Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMDFB Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # R5F36CAMDFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMDFB Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button R5F36CAMDFB Datasheet HTML 14Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 15Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 16Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 17Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 18Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 19Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 20Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 21Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 22Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 18 of 96
Jul 31, 2012
M16C/6C Group
3. Address Space
3.2
Memory Map
Special function registers (SFRs) are allocated from address 00000h to 003FFh and from 0D000h to
0D7FFh. Peripheral function control registers are located here. All blank areas within SFRs are reserved.
Do not access these areas.
Internal RAM is allocated from address 00400h and higher, with 10 KB of internal RAM allocated from
00400h to 02BFFh. Internal RAM is used not only for data storage, but also for the stack area when
subroutines are called or when an interrupt request is accepted.
The internal ROM is flash memory. Three internal ROM areas are available: data flash, program ROM 1,
and program ROM 2.
The data flash is allocated from 0E000h to 0FFFFh. This data flash area is mostly used for data storage, but
can also store programs.
Program ROM 2 is allocated from 10000h to 13FFFh. Program ROM 1 is allocated from FFFFFh and lower,
with the 64 KB program ROM 1 area allocated from address F0000h to FFFFFh.
The special page vectors are allocated from FFE00h to FFFD7h. They are used for the JMPS and JSRS
instructions. Refer to the M16C/60, M16C/20, M16C/Tiny Series Software Manual for details.
The fixed vector table for interrupts is allocated from FFFDCh to FFFFFh.
The 256 bytes beginning with the start address set in the INTB register compose the relocatable vector table
for interrupts.
Figure 3.2 shows the Memory Map.
Figure 3.2
Memory Map
Notes:
1. Do not access reserved areas.
2. The figure above applies under the following conditions:
- Memory expansion mode
- The PM10 bit in the PM1 register is 1
(addresses 0E000h to 0FFFFh are used as data flash)
- The PRG2C0 bit in the PRG2C register is 0 (program ROM 2 enabled)
- The PM13 bit in the PM1 register is 1
(all areas in internal RAM, and the program ROM 1 area from 80000h are usable)
3. Do not change the data from FFh.
00000h
XXXXXh
0D000h
00400h
0D800h
0E000h
10000h
14000h
80000h
YYYYYh
FFFFFh
28000h
27000h
FFFFFh
FFFDCh
FFE00h
FFFD8h
13FFFh
13FF0h
13000h
Internal RAM
Size
12 KB
20 KB
31 KB
Address XXXXXh
033FFh
053FFh
07FFFh
Program ROM 1
Size
128 KB
256 KB
384 KB
Address YYYYYh
E0000h
C0000h
A0000h
512 KB
80000h
On-chip debugger
monitor area
User boot code area
Relocatable vector table
256 bytes beginning with the
start address set in the INTB
register
Special page vector table
Reserved area (3)
Fixed vector table
Address for ID code stored
OFS1 address
SFR
Internal RAM
Reserved area (1)
SFR
External area
Internal ROM
(data flash)
Internal ROM
(program ROM 2)
External area
Reserved area (1)
External area
Reserved area (1)
Internal ROM
(program ROM 1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com