Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMDFB Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # R5F36CAMDFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMDFB Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button R5F36CAMDFB Datasheet HTML 7Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 8Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 9Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 10Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 11Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 12Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 13Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 14Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 11 of 96
Jul 31, 2012
M16C/6C Group
1. Overview
1.6
Pin Functions
Power supply: VCC2 is used to supply power to the external bus associated pins. The dual power supply configuration
allows VCC2 to interface at a different voltage than VCC1.
Note:
1.
VCC means VCC1 unless otherwise noted.
Table 1.6
Pin Functions (1/3)
Signal Name
Pin Name
I/O
Power Supply
Description
Power supply
input
VCC1,
VCC2, VSS
I-
Apply 2.7 to 5.5 V to pins VCC1 and VCC2 (VCC1
≥ VCC2).
Input 0 V to VSS.(1)
Analog power
supply input
AVCC, AVSS
I
VCC1
This is the power supply for the A/D converter. Connect the
AVCC pin to VCC1, and connect the AVSS pin to VSS.
Reset input
RESET
I
VCC1
Driving this pin low resets the MCU.
CNVSS
CNVSS
I
VCC1
Input pin to switch processor modes. Connect the CNVSS
pin to VSS via a resistor.
Bus control pins
D0 to D7
I/O
VCC2
Inputs or outputs data (D0 to D7) while accessing an
external area with a separate bus.
A0 to A19
O
VCC2
Outputs address bits A0 to A19.
A0/D0 to
A7/D7
I/O
VCC2
Inputs or outputs data (D0 to D7) and outputs address bits
(A0 to A7) by timesharing, while accessing an external area
with an 8-bit multiplexed bus.
CS0 to CS3
O
VCC2
Outputs chip-select signals
CS0 to CS3 to specify an
external area.
WR
BHE
RD
O
VCC2
Outputs
WR, BHE, and RD signals.
• Data is written to an external area when WR is driven low.
Data in an external area is read when
RD is driven low. An
odd address is accessed when
BHE is driven low.
ALE
O
VCC2
Outputs an ALE signal to latch the address.
HOLD
I
VCC2
HOLD input is unavailable. Connect the HOLD pin to VCC2
via a resistor (pull-up).
HLDA
O
VCC2
In a hold state,
HLDA outputs a low-level signal.
RDY
I
VCC2
The MCU bus is placed in a wait state while the
RDY pin is
driven low.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com