Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMDFB Datasheet(PDF) 48 Page - Renesas Technology Corp

Part # R5F36CAMDFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMDFB Datasheet(HTML) 48 Page - Renesas Technology Corp

Back Button R5F36CAMDFB Datasheet HTML 44Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 45Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 46Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 47Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 48Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 49Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 50Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 51Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 52Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 48 of 96
Jul 31, 2012
M16C/6C Group
5. Electrical Characteristics
Note:
1.
The average output current is the mean value within 100 ms.
Note:
1.
The device is operationally guaranteed under these operating conditions.
Table 5.3
Recommended Operating Conditions (2/3)
VCC1 = VCC2 = 2.7 to 5.5 V at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified.
Symbol
Parameter
Standard
Unit
Min.
Typ.
Max.
IOL(sum) Low peak
output
current
Sum of IOL(peak) at P0_0 to P0_7, P1_0 to P1_7,
P2_0 to P2_7, P8_6, P8_7, P9_0 to P9_7,
P10_0 to P10_7
80.0
mA
Sum of IOL(peak) at P3_0 to P3_7, P4_0 to P4_7,
P5_0 to P5_7, P6_0 to P6_7, P7_0 to P7_7,
P8_0 to P8_5
80.0
mA
IOL(peak) Low peak
output
current
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7
10.0
mA
IOL(avg)
Low
average
output
current (1)
P0_0 to P0_7, P1_0 to P1_7, P2_0 to P2_7,
P3_0 to P3_7, P4_0 to P4_7, P5_0 to P5_7,
P6_0 to P6_7, P7_0 to P7_7, P8_0 to P8_7,
P9_0 to P9_7, P10_0 to P10_7
5.0
mA
f(XIN)
Main clock input
oscillation frequency
VCC1 = 2.7 V to 5.5 V
2
16
MHz
f(XCIN)
Sub clock oscillation frequency
32.768
50
kHz
f(PLL)
PLL clock oscillation
frequency
VCC1 = 2.7 V to 5.5 V
10
32
MHz
f(BCLK)
CPU operation clock
fOCO-S
divided by 16
32
MHz
tSU(PLL) PLL frequency
synthesizer
stabilization wait time
VCC1 = 5.0 V
2
ms
VCC1 = 3.0 V
3
ms
Table 5.4
Recommended Operating Conditions (3/3)(1)
VCC1 = 2.7 to 5.5 V, VSS = 0 V, and Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified.
The ripple voltage must not exceed Vr(VCC1) and/or dVr(VCC1)/dt.
Symbol
Parameter
Standard
Unit
Min.
Typ.
Max.
Vr(VCC1)
Allowable ripple voltage
VCC1 = 5.0 V
0.5
Vp-p
VCC1 = 3.0 V
0.3
Vp-p
dVr(VCC1)/dt Ripple voltage falling gradient
VCC1 = 5.0 V
0.3
V/ms
VCC1 = 3.0 V
0.3
V/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com