Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMDFB Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # R5F36CAMDFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMDFB Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button R5F36CAMDFB Datasheet HTML 20Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 21Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 22Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 23Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 24Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 25Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 26Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 27Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 24 of 96
Jul 31, 2012
M16C/6C Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.5
SFR Information (5) (1)
Address
Register
Symbol
Reset Value
0130h
0131h
0132h
0133h
0134h
0135h
0136h
0137h
0138h
0139h
013Ah
013Bh
013Ch
013Dh
013Eh
013Fh
0140h
A/D1 Register 0
AD10
XXXX XXXXb
0141h
0000 00XXb
0142h
A/D1 Register 1
AD11
XXXX XXXXb
0143h
0000 00XXb
0144h
A/D1 Register 2
AD12
XXXX XXXXb
0145h
0000 00XXb
0146h
A/D1 Register 3
AD13
XXXX XXXXb
0147h
0000 00XXb
0148h
0149h
014Ah
014Bh
014Ch
014Dh
014Eh
014Fh
0150h
0151h
0152h
A/D1 Trigger Control Register
AD1TRGCON
XXXX 00XXb
0153h
0154h
A/D1 Control Register 2
AD1CON2
0000 X00Xb
0155h
0156h
A/D1 Control Register 0
AD1CON0
0000 0XXXb
0157h
A/D1 Control Register 1
AD1CON1
0000 X000b
0158h
0159h
015Ah
015Bh
015Ch
015Dh
015Eh
015Fh
0160h to
017Fh
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com