Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMDFB Datasheet(PDF) 27 Page - Renesas Technology Corp

Part # R5F36CAMDFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMDFB Datasheet(HTML) 27 Page - Renesas Technology Corp

Back Button R5F36CAMDFB Datasheet HTML 23Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 24Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 25Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 26Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 27Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 28Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 29Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 30Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 31Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 27 of 96
Jul 31, 2012
M16C/6C Group
4. Special Function Registers (SFRs)
Note:
1.
The blank areas are reserved. No access is allowed.
Table 4.8
SFR Information (8) (1)
Address
Register
Symbol
Reset Value
01E0h
Timer B3-1 Register
TB31
XXh
01E1h
XXh
01E2h
Timer B4-1 Register
TB41
XXh
01E3h
XXh
01E4h
Timer B5-1 Register
TB51
XXh
01E5h
XXh
01E6h
Pulse Period/Pulse Width Measurement Mode Function Select Reg-
ister 2
PPWFS2
XXXX X000b
01E7h
01E8h
Timer B Count Source Select Register 2
TBCS2
00h
01E9h
Timer B Count Source Select Register 3
TBCS3
X0h
01EAh
01EBh
01ECh
01EDh
01EEh
01EFh
01F0h
01F1h
01F2h
01F3h
01F4h
01F5h
01F6h
01F7h
01F8h
01F9h
01FAh
01FBh
01FCh
01FDh
01FEh
01FFh
0200h
0201h
0202h
0203h
0204h
0205h
Interrupt Source Select Register 3
IFSR3A
00h
0206h
Interrupt Source Select Register 2
IFSR2A
00h
0207h
Interrupt Source Select Register
IFSR
00h
0208h
0209h
020Ah
020Bh
020Ch
020Dh
020Eh
Address Match Interrupt Enable Register
AIER
XXXX XX00b
020Fh
Address Match Interrupt Enable Register 2
AIER2
XXXX XX00b
X: Undefined



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com