Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMDFB Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R5F36CAMDFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMDFB Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R5F36CAMDFB Datasheet HTML 47Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 48Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 49Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 50Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 51Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 52Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 53Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 54Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 51 of 96
Jul 31, 2012
M16C/6C Group
5. Electrical Characteristics
Notes:
1.
This applies when using one A/D converter, with the ADSTBY bit for the unused A/D converter set to 0 (A/D
operation stopped (standby).
2.
Use when AVCC = VCC1 = VCC2.
3.
Do not use A/D converter when VCC1 > VCC2.
4.
When analog input voltage is over reference voltage, the result of A/D conversion is 3FFh.
5.
Flash memory rewrite disabled. Except for the analog input pin, set the pins to be measured as input ports and
connect them to VSS. See Figure 5.2 “A/D Accuracy Measure Circuit”.
5.1.4
D/A Conversion Characteristics
Notes:
1.
This applies when using one D/A converter, with the D/A register for the unused D/A converter set to 00h.
2.
The current consumption of the A/D converter is not included. Also, the IVREF of the D/A converter will flow even
if the ADSTBY bit in the ADCON1 register is 0 (A/D operation stopped (standby)).
Table 5.6
A/D Conversion Characteristics (2/2) (1, 2)
AVCC = VCC1 = VCC2 = VREF = 3.0 to 5.5 V, VSS = AVSS = 0 V at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise
specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
φAD
A/D operating clock frequency
4.0 V
≤ V
REF ≤ AVCC ≤ 5.5 V
2
25
MHz
3.2 V
≤ V
REF ≤ AVCC ≤ 5.5 V
2
16
MHz
3.0 V
≤ V
REF ≤ AVCC ≤ 5.5 V
2
10
MHz
-
Tolerance level impedance
3
k
Ω
DNL
Differential non-linearity error
(5)
±1
LSB
-
Offset error
(5)
±3
LSB
-
Gain error
(5)
±3
LSB
tCONV
10-bit conversion time
VCC1 = 5 V, φAD = 25 MHz
1.60
μs
tSAMP
Sampling time
0.60
μs
VREF
Reference voltage
3.0
AVCC
V
VIA
Analog input voltage (3), (4)
0VREF
V
Table 5.7
D/A Conversion Characteristics
VCC1 = AVCC = VREF = 3.0 to 5.5 V, VSS = AVSS = 0 V at Topr = -20°C to 85°C/-40°C to 85°C unless otherwise specified.
Symbol
Parameter
Measuring Condition
Standard
Unit
Min.
Typ.
Max.
-Resolution
8Bits
-
Absolute Accuracy
2.5
LSB
tSU
Setup Time
3
μs
RO
Output Resistance
56
8.2
k
Ω
IVREF
Reference Power Supply Input Current
See Notes 1 and 2
1.5
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com