Electronic Components Datasheet Search
  English  ▼

X  

R5F36CAMDFB Datasheet(PDF) 70 Page - Renesas Technology Corp

Part # R5F36CAMDFB
Description  RENESAS MCU
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F36CAMDFB Datasheet(HTML) 70 Page - Renesas Technology Corp

Back Button R5F36CAMDFB Datasheet HTML 66Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 67Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 68Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 69Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 70Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 71Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 72Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 73Page - Renesas Technology Corp R5F36CAMDFB Datasheet HTML 74Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 100 page
background image
R01DS0034EJ0210 Rev.2.10
Page 70 of 96
Jul 31, 2012
M16C/6C Group
5. Electrical Characteristics
Figure 5.16
Timing Diagram
Memory Expansion Mode and Microprocessor Mode
(Effective in wait state setting)
RDY input
RD
BCLK
(Separate bus)
(Multiplexed bus)
RD
(Separate bus)
(Multiplexed bus)
tsu(RDY-BCLK)
th(BCLK-RDY)
Measuring conditions
V
= V
= 5 V
CC1
CC2
Input timing voltage: V = 1.0 V, V
= 4.0 V
IL
IH
Output timing voltage: V
= 2.5 V, V
= 2.5 V
OL
OH
V
= V
= 5 V
CC1
CC2
WR
WR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com