Electronic Components Datasheet Search
  English  ▼

X  

AN2530 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2530
Description  Solution for 150 W half bridge resonant DC-DC converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2530 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button AN2530 Datasheet HTML 2Page - STMicroelectronics AN2530 Datasheet HTML 3Page - STMicroelectronics AN2530 Datasheet HTML 4Page - STMicroelectronics AN2530 Datasheet HTML 5Page - STMicroelectronics AN2530 Datasheet HTML 6Page - STMicroelectronics AN2530 Datasheet HTML 7Page - STMicroelectronics AN2530 Datasheet HTML 8Page - STMicroelectronics AN2530 Datasheet HTML 9Page - STMicroelectronics AN2530 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
Operational frequencies
AN2530
6/13
2
Operational frequencies
Figure 3 shows a gray area with a note "optional". This rectifying stage is not really
necessary as it was done for testing and measuring purposes.
More explanations and clarifications are provided as we go through this design.
Much of the basis for this application note was taken from another ST application note,
mainly AN1660 (ZVS resonant converter for consumer application using L6598 IC), which is
a 180 W ZVS resonant converter. As stated in AN1660 (ZVS resonant converter for
consumer application using L6598 IC) you must "choose" some operational parameters that
are recalculated after real component values have been chosen. Only your experience with
this kind of SMPS can guide you.
For this case the following values have been chosen:
●
Fstart = 300 kHz
●
Fmin = 70 kHz
●
Fr = 35 kHz
The frequency values have been chosen keeping in mind that 300 kHz (Fstart) is quite close
to the driver's maximum operational frequency. Therefore, we leave the converter much
"room" to change its operational frequency (via the feedback) so the regulation does not
suffer because of a range that is too restrictive.
The calculations for Rfmin (R11) and Rfstart (R6); Cf is C13 (220 pF) in our case, are shown
below:
Equation 1
Equation 2
Recalculating Fmin & Fstart with actual values of Rfmin & Rfstart:
Equation 3
Equation 4
Rf
min
1.41
F
min
C
f
•
------------------------
91.56 K
Ω
=
=
(
∼100 kΩ)
Rf
start
1.41
F
start
F
min
–
() C
f
•
-------------------------------------------------
27.27 k
Ω
=
=
(
∼27 kΩ)
F
min
1.41
Rf
min
C
f
•
--------------------------
64.09 kHz
=
=
F
start
1.41
Rf
start
C
f
•
-----------------------------
F
min
237.4 kHz
=
+
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com