Electronic Components Datasheet Search
  English  ▼

X  

AN2530 Datasheet(PDF) 10 Page - STMicroelectronics

Part # AN2530
Description  Solution for 150 W half bridge resonant DC-DC converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2530 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button AN2530 Datasheet HTML 5Page - STMicroelectronics AN2530 Datasheet HTML 6Page - STMicroelectronics AN2530 Datasheet HTML 7Page - STMicroelectronics AN2530 Datasheet HTML 8Page - STMicroelectronics AN2530 Datasheet HTML 9Page - STMicroelectronics AN2530 Datasheet HTML 10Page - STMicroelectronics AN2530 Datasheet HTML 11Page - STMicroelectronics AN2530 Datasheet HTML 12Page - STMicroelectronics AN2530 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
Full load, normal operation waveforms
AN2530
10/13
Figure 5.
Efficiency vs. Pout
Figure 6.
Efficiency vs. Vin
Figure 7.
Switching frequency vs output power
60
65
70
75
80
85
90
95
10
30
50
70
90
110
130
150
Pout [W]
Eff.
Eff. with PFC
90
90.4
90.8
91.2
91.6
92
92.4
350
360
370
380
390
400
Vin [Vdc]
50
100
150
200
250
20
40
60
80
100
120
140
Pout [W]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com