Electronic Components Datasheet Search
  English  ▼

X  

AN2530 Datasheet(PDF) 8 Page - STMicroelectronics

Part # AN2530
Description  Solution for 150 W half bridge resonant DC-DC converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2530 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button AN2530 Datasheet HTML 4Page - STMicroelectronics AN2530 Datasheet HTML 5Page - STMicroelectronics AN2530 Datasheet HTML 6Page - STMicroelectronics AN2530 Datasheet HTML 7Page - STMicroelectronics AN2530 Datasheet HTML 8Page - STMicroelectronics AN2530 Datasheet HTML 9Page - STMicroelectronics AN2530 Datasheet HTML 10Page - STMicroelectronics AN2530 Datasheet HTML 11Page - STMicroelectronics AN2530 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
Converter's protection schemes, overcurrent, overvoltage
AN2530
8/13
According to the L6598 datasheet there is a constant voltage of 2 V at pin 2 (Rfstart), so this
voltage can be used to set the opamp's inverting input (pin 6) to 0.4 V through the R6 & R7
divider network.
The inverting input of internal opamp is set to 0.4 V, so 0.4 V/2 A = 0.2
Ω.
A set of 1
Ω/0.25 W resistances was chosen to be readily available and by paralleling them
we get 0.25
Ω/1 W, which "generates" 0.25 Ω*2 A = 0.5 V at maximum current.
Then, we have to choose the values for R17 & R18 (a resistor divider network) to get the
0.4 V at Pin 7 (OPin+), R17 = 39 k
Ω and R18 = 10 kΩ in our case.
Concerning feedback, regulation is achieved by means of varying the driver's frequency. A
heavier load determines a lower operational frequency and the contrary is true for a lighter
load. Frequency is changed by varying the current at pin 4 (Rfmin). As previously stated,
R11 defines the maximum operational frequency and R10, R12 and optocoupler's internal
resistance (that varies according to the current supplied to the load) set the actual operating
frequency.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com