Electronic Components Datasheet Search
  English  ▼

X  

AN2530 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2530
Description  Solution for 150 W half bridge resonant DC-DC converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2530 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2530 Datasheet HTML 1Page - STMicroelectronics AN2530 Datasheet HTML 2Page - STMicroelectronics AN2530 Datasheet HTML 3Page - STMicroelectronics AN2530 Datasheet HTML 4Page - STMicroelectronics AN2530 Datasheet HTML 5Page - STMicroelectronics AN2530 Datasheet HTML 6Page - STMicroelectronics AN2530 Datasheet HTML 7Page - STMicroelectronics AN2530 Datasheet HTML 8Page - STMicroelectronics AN2530 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
AN2530
Functional overview
3/13
1
Functional overview
The simplest way of describing the functioning of a resonant converter is to compare it with
a non-resonant type. Typically a "normal" half bridge transformer is connected to the
principal DC bus through a capacitive divider network that creates a "false" ground to feed
one of the transformer's ends (Figure 1). In this way, the transformer is fed with a voltage
that swings (from the transformer's point of view) from zero to negative, negative to zero,
zero to positive, then back to zero (therefore repeating the cycle).
The mains DC bus is connected as noted in Figure 1 for 110 Vac or 220 Vac. The operation
is quite straightforward alternating the turn-on of each transistor.
Figure 1.
SMPS half bridge simplified schematic
The resonant variation for this type of converter places an "external" inductor to cause a
resonance between the capacitive divider network and the external inductor (Figure 2),
which sums up to the already present leakage inductance of the main transformer.
These components are the ones that require most of the care for this variation of the
converter. Nevertheless, remember that every aspect of the design stage has an impact on
the overall behavior of the converter.
Figure 2.
Resonant SMPS half bridge simplified schematic
Table 1 gives the BOM (Bill of materials) for this converter. Most of the capacitors do not
have an operating voltage, as they operate in low voltage. As for the driver, any voltage
C1
C2
Q1
1
Q2
1
C3
D2
D3
D4
D1
T1
1
5
6
4
8
D5
D6
+
C4
220VAC
110VAC
D2
C1
D6
Q2
1
D1
Q1
1
C2
+
C4
D4
D5
T1
1
5
6
4
8
D3
L1
110VAC
220VAC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com