Electronic Components Datasheet Search
  English  ▼

X  

AN2530 Datasheet(PDF) 1 Page - STMicroelectronics

Part # AN2530
Description  Solution for 150 W half bridge resonant DC-DC converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2530 Datasheet(HTML) 1 Page - STMicroelectronics

  AN2530 Datasheet HTML 1Page - STMicroelectronics AN2530 Datasheet HTML 2Page - STMicroelectronics AN2530 Datasheet HTML 3Page - STMicroelectronics AN2530 Datasheet HTML 4Page - STMicroelectronics AN2530 Datasheet HTML 5Page - STMicroelectronics AN2530 Datasheet HTML 6Page - STMicroelectronics AN2530 Datasheet HTML 7Page - STMicroelectronics AN2530 Datasheet HTML 8Page - STMicroelectronics AN2530 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
October 2007
Rev 1
1/13
AN2530
Application note
Solution for 150 W half bridge resonant DC-DC converter
Introduction
This application note describes a 150 W Half bridge resonant DC-DC converter. This type of
SMPS is highly attractive due to its high achievable efficiency, very low noise and compact
size.
Resonant converters are among the least common SMPS topologies. There are several
reasons why they are not often used, but we will not discuss these reasons in this
application note. However, it is worth noting that the resonant topologies have undeniable
advantages over the "hard switching" topologies. The very high achievable efficiency of over
90% and up to 95% is very common, as well as their low generated noise due to ZVS (zero
voltage switching) and resonant energy transfer.
Other related advantages derived from these converters are their compact size due to their
need for smaller power switches (Power MOSFETs usually), smaller transformers, and less
generated heat (the lower losses are a part of this). Less heat means a smaller heat sink
and a longer life for power components.
If the necessary care is taken in the design phase, the results are very good and the typical
issues normally associated with these topologies are avoided.
ST's L6598 half bridge driver has been chosen for this design. Please refer to the L6598
datasheet for full specifications and capabilities, or to other documentation, application
notes and books where it is used, in order to have the best picture of this design. All
references are provided in Figure 7.
This application note concentrates only on the power aspects, because as already
mentioned, there are excellent guides for the driver (aside from the datasheet) as well as
application notes for SMPS in general, magnetics, topologies, etc.
www.st.com


Similar Part No. - AN2530

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
AN2531 MOTOROLA-AN2531 Datasheet
473Kb / 28P
Standard Space Vector Modulation with Dead-Time Correction - XOR version TPU Function Set
AN2531/D MOTOROLA-AN2531/D Datasheet
473Kb / 28P
Standard Space Vector Modulation with Dead-Time Correction - XOR version TPU Function Set
AN2533 MOTOROLA-AN2533 Datasheet
460Kb / 24P
Standard Space Vector Modulation – 3 outputs version – XOR version TPU Function Set (svmStd3Xor)
Rev. 0, 5/2003
More results

Similar Description - AN2530

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VKA150MS CANDD-VKA150MS Datasheet
124Kb / 4P
150 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
logo
Fairchild Semiconductor
FSFR2100 FAIRCHILD-FSFR2100 Datasheet
650Kb / 16P
Fairchild Power Switch (FPS?? for Half-Bridge Resonant Converter
logo
Murata Power Solutions ...
VKA150MS24-205C MURATA-PS-VKA150MS24-205C Datasheet
213Kb / 3P
150 Watt Single Output Half Brick DC/DC Converter
logo
AIMTEC
AM150HB-UZ AIMTEC-AM150HB-UZ Datasheet
425Kb / 4P
150 Watt | Half Brick DC-DC Converter
logo
Fairchild Semiconductor
AN-4151 FAIRCHILD-AN-4151 Datasheet
1Mb / 17P
Half-bridge LLC Resonant Converter
logo
STMicroelectronics
AN2450 STMICROELECTRONICS-AN2450 Datasheet
752Kb / 35P
LLC resonant half-bridge converter design guideline
17-Mar-2014
logo
International Rectifier
IRS27951S IRF-IRS27951S_15 Datasheet
550Kb / 28P
RESONANT HALF-BRIDGE CONVERTER CONTROL IC
logo
Murata Power Solutions ...
IRH MURATA-PS-IRH Datasheet
3Mb / 30P
Encapsulated Half-Brick 150-Watt Isolated DC-DC Converter
logo
HY-LINE Power Component...
P150B4805S HY-LINE-P150B4805S Datasheet
721Kb / 7P
150 W DC-DC Converter P150B-Series
Rev: 20190820 f
logo
Murata Manufacturing Co...
IRH-12-12.5-T110 MURATA1-IRH-12-12.5-T110 Datasheet
2Mb / 30P
Encapsulated Half-Brick 150-Watt Isolated DC-DC Converter
2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com