Electronic Components Datasheet Search
  English  ▼

X  

AN2530 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN2530
Description  Solution for 150 W half bridge resonant DC-DC converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2530 Datasheet(HTML) 4 Page - STMicroelectronics

  AN2530 Datasheet HTML 1Page - STMicroelectronics AN2530 Datasheet HTML 2Page - STMicroelectronics AN2530 Datasheet HTML 3Page - STMicroelectronics AN2530 Datasheet HTML 4Page - STMicroelectronics AN2530 Datasheet HTML 5Page - STMicroelectronics AN2530 Datasheet HTML 6Page - STMicroelectronics AN2530 Datasheet HTML 7Page - STMicroelectronics AN2530 Datasheet HTML 8Page - STMicroelectronics AN2530 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
Functional overview
AN2530
4/13
greater than or equal to 16 V is acceptable. The construction details of L1 and Tr1 are
discussed later.
Refer to Figure 3 for the full electrical schematic of this converter.
Table 1.
Bill of materials (BOM)
Qty.
Ref.
Part
Qty.
Ref.
Part
Qty.
Ref.
Part
1
AC
220 Vac Conn.
1
C22
0.47 µ
R16
10 K
Ω
2
Cac1
1 nF/400 V
2
C26b
4700 pF / 2 KV
R18
10 K
Ω
Cac2
1 nF/400 V
C26a
4700 pF / 2 KV
R23
10 K
Ω
1
C1
220 µF / 400 V
1
DC
24VDC
1
R10
20 K
Ω
1
C4
1 µ
1
D1
W08G
1
R11
100 K
Ω
1
C8
47 µF
1
D2
STPS20H100CT
2
R13
15
3
C10
100 nF
1
D3
1N4148
R15
15
C12
100 nF
1
D4
18 V
1
R17
39 K
Ω
C20
100 nF
1
L1
51 µ
4
R19d
1
1
C11
1 nF
2
Q2
STP8NM60N
R19c
1
2
C15
220 p
Q1
STP8NM60N
R19b
1
C13
220 p
1
R2
150 K
Ω/2 W
R19a
1
1
C14
0.22 µ
1
R3
10
1
R21
3.6 K
Ω
1
C16
100 n
1
R4
150 K
Ω
2
R25
1 K
Ω
3
C17
33 n
1
R5
7.5 K
Ω
R22
1 K
Ω
C18
33 n
2
R8
27 K
Ω
1
R24
1.2 K
Ω
C23
33 n
R6
27 K
Ω
1
Tr1
Transformer
3
C19c
470 µ
1
R7
6.8 K
Ω
1
U1
L6598
C19b
470 µ
6
R9
10 K
Ω
1
U2
PC817
C19a
470 µ
R12
10 K
Ω
1
U3
TL431
1
C21
82 n
R14
10 K
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com