Electronic Components Datasheet Search
  English  ▼

X  

AN2530 Datasheet(PDF) 7 Page - STMicroelectronics

Part # AN2530
Description  Solution for 150 W half bridge resonant DC-DC converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2530 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button AN2530 Datasheet HTML 3Page - STMicroelectronics AN2530 Datasheet HTML 4Page - STMicroelectronics AN2530 Datasheet HTML 5Page - STMicroelectronics AN2530 Datasheet HTML 6Page - STMicroelectronics AN2530 Datasheet HTML 7Page - STMicroelectronics AN2530 Datasheet HTML 8Page - STMicroelectronics AN2530 Datasheet HTML 9Page - STMicroelectronics AN2530 Datasheet HTML 10Page - STMicroelectronics AN2530 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AN2530
Transformer and resonant components
7/13
3
Transformer and resonant components
In order to avoid the majority of the most difficult problems related to resonant converters,
great care must be taken in the design of those components whose primary task is to
transfer the energy from the rectified line to the load. These components are the
transformer, external inductor, capacitor divider network and the power switches.
Several "methods" and approaches have been taken into account in order to calculate the
power transformer and the external inductor (refer to Section 7: References at the end of
this application note). AN1660 forms the basis for this application note and provides
calculations for this objective.
The objective of this application note is to take a closer look at the power stage, so that just
the final results for the transformer and the external inductor are shown. However, it is
important to notice that the transformer's type (material, size and shape) plays one of the
main roles in any converter. For resonants, the coil type is important also.
Table 2 gives transformer and coil data. Litz wires have been used.
3.1
Transformer
●
Brand: Epcos
●
Type: ETD34
●
Material: N67
4
Converter's protection schemes, overcurrent,
overvoltage
Overcurrent and overvoltage protection features can be added easily thanks to the pins of
the L6598 controller. In this section we show how to calculate these values according to the
operational parameters chosen.
Again, refer to AN1660 (ZVS resonant converter for consumer application using L6598 IC)
or use your own "method" to calculate the peak current. You should expect to be at the
maximum at L1 (as well as transformer's primary) and take a safety margin (10% more for
example). In this case, the maximum current should be 1.8 A, so we set the maximum
current to 2 A.
Table 2.
Tr1 Transformer’s windings details
Turns
Wires
Wire's diameter [mm]
Primary
50
14
0.2
Secondary
14
38
0.2
Aux.
3
1
0.2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com