Electronic Components Datasheet Search
  English  ▼

X  

AN2530 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN2530
Description  Solution for 150 W half bridge resonant DC-DC converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2530 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN2530 Datasheet HTML 5Page - STMicroelectronics AN2530 Datasheet HTML 6Page - STMicroelectronics AN2530 Datasheet HTML 7Page - STMicroelectronics AN2530 Datasheet HTML 8Page - STMicroelectronics AN2530 Datasheet HTML 9Page - STMicroelectronics AN2530 Datasheet HTML 10Page - STMicroelectronics AN2530 Datasheet HTML 11Page - STMicroelectronics AN2530 Datasheet HTML 12Page - STMicroelectronics AN2530 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
AN2530
Conclusion
11/13
Figure 8.
Thermograph
The converter is working at full load in the thermograph in Figure 8. Notice that the hottest
spot is near the rectifier double diode (D2). The hot lines (white ones) are the dc out filtering
capacitors that are being heavily heated by D2 due to the board's position. The transformer
is working "cool" as well as the Power MOSFET transistors.
It is important to notice that Q1 and Q2 are working in the 50 ºC range. Originally the board
was assembled with bigger transistors, therefore the smaller ones can be used in this
application and gain in efficiency (almost 20% gain for light loads). They are easier to drive
and cheaper which means that you don't have to "oversize" these (as is usually done in
other converter topologies).
6
Conclusion
As already mentioned, a certain degree of attention must be exercised with resonant
converters because energy transfer is directly related to this phenomenon. The benefits are
substantial and include low emi and rf noise, high efficiency, overall cooler operation, no
need for "over sized" power components to prevent failure from spikes, etc., as well as other
advantages if designed carefully. As you can see, the load regulation of this one is very
good.
It is remarkable that all these measurements and tests have been performed without any
forced ventilation. The heatsink provided for the power transistors is very modest,
considering the SMPS's power, so it would be easy to avoid any heat sink by designing a
suitable copper area for SMD transistors (i.e. DPAK).
The designer will notice that since the power factor for this converter is not good, therefore
it is better to connect the converter after a PFC, such as the one with L4981 that has been
used to do some of these measurements. It is normal that the power factor is low due to the
"spike" nature of this converter's drawn current. If observed with an oscilloscope, a series of
spikes can be seen.
ºC
D2
Tr1
Q1, Q2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com