Electronic Components Datasheet Search
  English  ▼

X  

AN2530 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2530
Description  Solution for 150 W half bridge resonant DC-DC converter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2530 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2530 Datasheet HTML 5Page - STMicroelectronics AN2530 Datasheet HTML 6Page - STMicroelectronics AN2530 Datasheet HTML 7Page - STMicroelectronics AN2530 Datasheet HTML 8Page - STMicroelectronics AN2530 Datasheet HTML 9Page - STMicroelectronics AN2530 Datasheet HTML 10Page - STMicroelectronics AN2530 Datasheet HTML 11Page - STMicroelectronics AN2530 Datasheet HTML 12Page - STMicroelectronics AN2530 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
AN2530
Full load, normal operation waveforms
9/13
5
Full load, normal operation waveforms
Figure 4 shows the normal full load operation waveforms for this converter.
Channels 1 and 2 are Vg at Q2 and Q1 respectively. Notice that the voltage level at Q1
(upper MOSFET), is up to 370 V due to the charge pump inside the driver.
Channel 3 is the resonant current flowing through L1, measured with a hall effect probe.
There is a lack of symmetry probably caused by the hand-wound transformer and coil. The
major contributor to this should be the non-symmetric primary winding for the transformer
that imposes different loads as current flow changes direction at the primary.
Channel 4 is the resonant voltage at C18.
Figure 4.
Operating waveforms at full load
●
Measurement conditions
–
Vin = 355 VDC @ DC Main bus
–
Vout = 23.7 VDC, 6.35A (~150 W)
As previously stated in the introduction, this type of converter has some very good
characteristics, one of which is the very high efficiency, typically over 90%, that is easily
achieved with resonant, very low RF and EMI produced due to ZVS.
Figure 5 shows the efficiency curve against the output power and against input voltage
(Figure 6). Notice that there are two curves (Figure 5), the upper one is the efficiency curve
for this converter, as you can see in the schematic in Figure 3 . The other one is the same
converter connected after a PFC circuit. This one uses ST's L4981A as its primary driver,
provides 355 VDC and up to 200 W. The application note AN628 appears in Section 7:
References and is referred to in the conclusion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com