Electronic Components Datasheet Search
  English  ▼

X  

UM1545 Datasheet(PDF) 6 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 2Page - STMicroelectronics UM1545 Datasheet HTML 3Page - STMicroelectronics UM1545 Datasheet HTML 4Page - STMicroelectronics UM1545 Datasheet HTML 5Page - STMicroelectronics UM1545 Datasheet HTML 6Page - STMicroelectronics UM1545 Datasheet HTML 7Page - STMicroelectronics UM1545 Datasheet HTML 8Page - STMicroelectronics UM1545 Datasheet HTML 9Page - STMicroelectronics UM1545 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 64 page
background image
Getting started
UM1545
6/64
Doc ID 023225 Rev 1
1.3
Customer requirements
Figure 1.
APW package folder
In order to quickly get started very few requirements have to be met. The user will need the
following hardware:
●
A supported interface (i.e. APWLink™). If this interface is not available, the tool will run
in SIMULATION mode only and no communication with either the target device or the
demonstration board will be possible.
●
A demonstration board of one of the Sound Terminal® supported products.
The software requires:
●
A complete APW package (a complete package consists of the files shown in Figure 1,
please note that the structure might change according to the list of supported devices).
●
MS Windows operating system (from Windows XP to Windows 7), no other OS is
supported.
●
The FTDI© driver (this driver is free and can be downloaded from
http://www.ftdichip.com/Drivers/D2XX.htm). This driver will only be required to
communicate with a target device or demonstration board through the APWLink™



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com