Electronic Components Datasheet Search
  English  ▼

X  

UM1545 Datasheet(PDF) 27 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 23Page - STMicroelectronics UM1545 Datasheet HTML 24Page - STMicroelectronics UM1545 Datasheet HTML 25Page - STMicroelectronics UM1545 Datasheet HTML 26Page - STMicroelectronics UM1545 Datasheet HTML 27Page - STMicroelectronics UM1545 Datasheet HTML 28Page - STMicroelectronics UM1545 Datasheet HTML 29Page - STMicroelectronics UM1545 Datasheet HTML 30Page - STMicroelectronics UM1545 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 64 page
background image
UM1545
APW walkthrough
Doc ID 023225 Rev 1
27/64
Figure 25.
Generic processing block
Taking into account this kind of structure the Channel Controls allow the user to:
●
Select the processing channel
●
Select a specific filter among the ones available in the selected channel. Each button of
the row at the bottom of the controls corresponds to a filter. Moreover each button,
rather than indicating the biquad number, indicates the kind of filter in use according to
the following abbreviations:
–
P: peak filter
–
F: flat, all-pass
–
L: low-pass
–
H: high-pass
–
< : low-shelf
–
> : high-shelf
–
R: reserved (a biquad is reserved when it is used for an alternate function such as
a bass enhancement, de-emphasis filter, …)
●
Auto-align two or more processing channels. Two or more channels are aligned when
their biquadratic filters are configured in the same way. In other words, once a filter or a
set of filters has been defined for a processing channel, the Auto-Aligned Channels
option allows automatically applying the configuration to all the other linked channels,
thus speeding up the setup process. The only exception concerns the reserved
biquads. If a filter is reserved, its setting will not be applied to, or will not be changed
from, another linked filter. Please be aware that this is a software option offered by the
APW that is not related in any way to the physical implementation of the IC under test
(thus it is available for every device). Depending on the Sound Terminal® product,
similar options might be available also as hardware-implemented features that can be
managed through a dedicated set of device-specific controls.
The controls described above will necessarily vary according to the device architecture and
may slightly differ from those shown in Figure 24.
The center area of the lower part of this tab is occupied by the Equalization Presets (if
available for the selected device) and the Channel Controls described above.
Processing Channel 1
BIQ 1
BIQ 2
BIQ N
Processing Channel M
BIQ 1
BIQ 2
BIQ N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com