Electronic Components Datasheet Search
  English  ▼

X  

UM1545 Datasheet(PDF) 40 Page - STMicroelectronics

Part # UM1545
Description  Using the Audio Processor Workbench
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM1545 Datasheet(HTML) 40 Page - STMicroelectronics

Back Button UM1545 Datasheet HTML 36Page - STMicroelectronics UM1545 Datasheet HTML 37Page - STMicroelectronics UM1545 Datasheet HTML 38Page - STMicroelectronics UM1545 Datasheet HTML 39Page - STMicroelectronics UM1545 Datasheet HTML 40Page - STMicroelectronics UM1545 Datasheet HTML 41Page - STMicroelectronics UM1545 Datasheet HTML 42Page - STMicroelectronics UM1545 Datasheet HTML 43Page - STMicroelectronics UM1545 Datasheet HTML 44Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 64 page
background image
F.A.Q.s
UM1545
40/64
Doc ID 023225 Rev 1
4
F.A.Q.s
In this section we provide a few guidelines to answer the most common questions.
4.1
Questions & procedures
Q: "I need to interface with a device that has been already set from an external controller.
How do I retrieve these settings with the APW?"
A: Follow this procedure:
1. Be sure that the interface is not connected to the device, start the APW and set
the no operation option in the Startup Preferences. Save the preferences and
close the program.
2. Connect the interface and start the APW.
3. Press the Retrieve button.
4. Press the Save button to save the configuration.
Q: "I want to apply all the settings at once and not step-by-step. How do I set the APW?"
A: Follow this procedure:
1. Uncheck the Auto Apply option in the preferences dialog.
2. Apply all the desired settings using the controls offered by the APW.
3. Select the Registers Bank tab and press the Write All button.
Q: "I'm not familiar with the device but I'd like to know what registers are changed when I
configure it using the APW, is this possible?"
A: Follow this procedure:
1. Uncheck the Auto Apply option in the preferences dialog.
2. Apply all the desired settings using the controls offered by the APW.
3. Select the Registers Bank tab and move along the register list. Those R/W
registers marked in violet are the ones you're interested in.
or this one:
1. Configure the device as needed.
2. Go to the Registers Bank tab and enable the Enable Check vs Defaults option.
3. Now the modified registers are displayed in red, move along the list and check.
Q: "This device has too many registers and moving along their list to find those I want to
modify takes too much time, is it possible to show only those I'm interested in?"
A: Of course it is. Use the Register List Filter drop-down menu to filter the device
registers depending on their function.
Q: "I'm setting up the device but I do not get the expected results. How do I check if the
configuration of the device is coherent with the one depicted in the APW controls?"
A: Follow this procedure:
1. Go to the Register Bank tab and press the Verify All button.
2. When the previous operation is over, move along the registers list. The APW will
display in violet the register whose value is different from the expected one.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com